Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP3936
Description  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936 Datasheet(HTML) 2 Page - Texas Instruments

  LP3936 Datasheet HTML 1Page - Texas Instruments LP3936 Datasheet HTML 2Page - Texas Instruments LP3936 Datasheet HTML 3Page - Texas Instruments LP3936 Datasheet HTML 4Page - Texas Instruments LP3936 Datasheet HTML 5Page - Texas Instruments LP3936 Datasheet HTML 6Page - Texas Instruments LP3936 Datasheet HTML 7Page - Texas Instruments LP3936 Datasheet HTML 8Page - Texas Instruments LP3936 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LP3936
32 31 30 29 28 27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
10 11 12 13 14 15 16 17
9
FB
VDD2
GND2
WLED3
WLED4
WLED1
WLED2
RT
VREF
NRST
CS
DO
DI
MW_SEL
LP3936
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
10
11
12
13
14
15
16
17
9
FB
VDD2
GND2
WLED3
WLED4
RT
VREF
NRST
CS
DO
DI
MW_SEL
WLED1
WLED2
LP3936
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
An efficient magnetic boost converter provides the required bias operating from a single Li-Ion battery. The
DC/DC converter output voltage is user programmable for adapting to different LED types and for efficiency
optimization. All functions are software controllable through an I2C and MicroWire/SPI compatible interface and
16 internal registers.
Connection Diagrams and Package Mark Information
32-Lead TLGA Package, 4.5 x 5.5 x 0.8 mm, 0.5 mm pitch
Figure 1. TLGA Package – Top View
Figure 2. TLGA Package – Bottom View
See Package Number NPC0032A
Pin Description
Pin
Name
Type
Description
1
GND_BOOST
Ground
Power Switch Ground
2
FB
Input
Boost Converter Feedback
3
VDD2
Power
Supply Voltage for Internal Digital Circuits
4
GND2
Ground
Ground Return for VDD2 (Internal Digital)
5
WLED1
LED Output
Open Drain, White LED1 Output
6
WLED2
LED Output
Open Drain, White LED2 Output
7
WLED3
LED Output
Open Drain, White LED3 Output
8
WLED4
LED Output
Open Drain, White LED4 Output
9
GND_WLED
Ground
4+2 White LED Driver Ground
10
WLED5
LED Output
Open Drain, White LED5 Output
11
WLED6
LED Output
Open Drain, White LED6 Output
12
VDDA
Output
Internal LDO Output, 2.8V
13
GND1
Ground
Ground Return for VDD1 (Internal Analog)
14
VDD1
Power
Supply Voltage for Internal Analog Circuits
15
AIN
Input
Ambient Light Sensor Input
16
AREF
Output
Reference Voltage for Ambient Light Sensor, 1.23V
17
GND_T
Ground
Ground
18
VREF
Output
Internal Reference Bypass Capacitor
19
RT
Input
Oscillator Resistor
20
MW_SEL
Logic Input
MicroWire — I2C select (MW_SEL=1 in MicroWire Mode)
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com