Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP3936
Description  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3936 Datasheet HTML 9Page - Texas Instruments LP3936 Datasheet HTML 10Page - Texas Instruments LP3936 Datasheet HTML 11Page - Texas Instruments LP3936 Datasheet HTML 12Page - Texas Instruments LP3936 Datasheet HTML 13Page - Texas Instruments LP3936 Datasheet HTML 14Page - Texas Instruments LP3936 Datasheet HTML 15Page - Texas Instruments LP3936 Datasheet HTML 16Page - Texas Instruments LP3936 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Dual slope
8-bit ADC
Digital
64 sample
average
Vx
Phototransistor
or
Photodiode
Input range
[Vref...2*Vref]
Max sink current
~ 200uA
Ambient
light
Vref = 1.23V
LP3936
en_ambadc
AIN
AREF
en_ambadc
en_ambave
ain[7:0]
ain[7:0]
Buffer
R =
Vref
I(sensor max)
LP3936
www.ti.com
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
Examples for optical sensor are photodiode SHF2400 and phototransistor SFH3410 from Osram or BSC 3216
G1 optical sensor from TDK.
ADC can be used for temperature measurement with a thermistor. It enables temperature compensated LED
driving.
If ADC is not used, it should be disabled by writing en_ambadc bit low. AIN and AREF pins can be left
unconnected.
Figure 12. A/D Converter – Ambient Light Measurement Circuitry
Magnetic Boost DC/DC Converter
The LP3936 Boost DC/DC Converter generates a 4.1V–5.3V supply voltage for the LEDs from single Li-Ion
battery (3V … 4.5V). The output voltage is controlled with an 8-bit register in 9 steps. The converter is a
magnetic switching PFM/PWM mode DC/DC converter with a current limit. The converter has a 1 MHz switching
frequency when timing resistor RT is 82 k
Ω.
The topology of the magnetic boost converter is called CPM control, current programmed mode, where the
inductor current is measured and controlled with the feedback. The user can program the output voltage of the
boost converter. The control changes the resistor divider in the feedback loop.
Figure 13 shows the boost topology with the protection circuitry. Three different protection schemes are
implemented:
1) Over voltage protection, limits the maximum output voltage
a. Keeps the output below breakdown voltage.
b. Prevents boost operation if battery voltage is much higher than desired output.
2) Over current protection, limits the maximum inductor current
a. Voltage over switching NMOS is monitored; too high voltages turn the switch off.
3) Duty cycle limiting, done with digital control.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com