Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936 Datasheet(PDF) 21 Page - Texas Instruments

Part # LP3936
Description  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP3936 Datasheet HTML 17Page - Texas Instruments LP3936 Datasheet HTML 18Page - Texas Instruments LP3936 Datasheet HTML 19Page - Texas Instruments LP3936 Datasheet HTML 20Page - Texas Instruments LP3936 Datasheet HTML 21Page - Texas Instruments LP3936 Datasheet HTML 22Page - Texas Instruments LP3936 Datasheet HTML 23Page - Texas Instruments LP3936 Datasheet HTML 24Page - Texas Instruments LP3936 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
5
10
15
20
25
30
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
WLED VOLTAGE (V)
Set value = FFh
Set value = 80h
Set value = 40h
0
-40
°C
+85
°C
LP3936
www.ti.com
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
WLED Current Adjustment
WLED[7:0]
WLED Current (Typical)
Units
0000 0000
0
mA
0000 0001
0.1
mA
0000 0010
0.2
mA
0000 0011
0.3
mA
•
•
•
•
•
•
1111 1101
25.3
mA
1111 1110
25.4
mA
1111 1111
25.5
mA
Figure 26. WLED Output Current vs Voltage
Temperatures
−40°C, +25°C, +85°C
Recommended External Components
OUTPUT CAPACITOR, COUT
The output capacitor COUT directly affects the magnitude of the output ripple voltage. In general, the higher the
value of COUT, the lower the output ripple magnitude. Multilayer ceramic capacitors with low ESR are the best
choice. At the lighter loads, the low ESR ceramics offer a much lower VOUT ripple than the higher ESR tantalums
of the same value. At the higher loads, the ceramics offer a slightly lower VOUT ripple magnitude than the
tantalums of the same value. However, the dv/dt of the VOUT ripple with the ceramics is much lower than the
tantalums under all load conditions. Capacitor voltage rating must be sufficient, 10V is recommended. It should
be noted that with some capacitor types the actual capacitance depends heavily on the capacitor DC voltage
bias.
INPUT CAPACITOR, CIN
The input capacitor CIN directly affects the magnitude of the input ripple voltage and to a lesser degree the VOUT
ripple. A higher value CIN will give a lower VIN ripple. Capacitor voltage rating must be sufficient, 10V is
recommended.
OUTPUT DIODE, DOUT
A Schottky diode should be used for the output diode. To maintain high efficiency the average current rating of
the schottky diode should be larger than the peak inductor current (1A). Schottky diodes with a low forward drop
and fast switching speeds are ideal for increasing efficiency in portable applications. Choose a reverse
breakdown of the schottky diode larger than the output voltage. Do not use ordinary rectifier diodes, since slow
switching speeds and long recovery times cause the efficiency and the load regulation to suffer.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP3936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com