Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP3936
Description  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3936 Datasheet HTML 2Page - Texas Instruments LP3936 Datasheet HTML 3Page - Texas Instruments LP3936 Datasheet HTML 4Page - Texas Instruments LP3936 Datasheet HTML 5Page - Texas Instruments LP3936 Datasheet HTML 6Page - Texas Instruments LP3936 Datasheet HTML 7Page - Texas Instruments LP3936 Datasheet HTML 8Page - Texas Instruments LP3936 Datasheet HTML 9Page - Texas Instruments LP3936 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
OUT
FB
GND_BOOST
ENABLE
WLED1
C
VDD1
C
VDDA
RT
RT
Voltage
Reference
Oscillator
Li-Ion Battery
or Charger
Boost Converter
Micro-
controller
Micro-
Wire or
I2C
interface
Control
Logic
L
e
v
e
l
S
h
i
f
t
VDD_IO
D1
8-Bit IDAC
D
D
A
A
RGB_EN
8-Bit IDAC
WLED2
WLED3
WLED4
GND_WLED
WLED5
WLED6
Thermal
Shutdown
PWM
RGB
LOGIC
POR
GND_RGB
GND1
GND2
GND_T
SCL
DO
DI
CS
RGB_EN
NRST
ROUT
GOUT
BOUT
RGB
RROUT
120 mA
max per LED
0 - 25 mA
I MA
X
= 250 mA
L1
C
OUT
A
v
e
r
a
g
e
C
VREF
LDO
2.8V / 1mA
8-bit
ADC
AIN
AREF
Optical
sensor
MW_SEL
10 PH
10 PF
10 PF
1 PF
1 PF
82k
1 PF
C
VDDIO
R
AMB
1 PF
100 nF
0 - 25 mA
Main Display Backlight
Sub Display Backlight
RGOUT
RBOUT
V
OUT =
4.1 - 5.3V
RGB_EN
RGB_EN
V
REF
V
DD1
V
DD2
C
VDD2
C
IN
V
DDA
V
DDIO
100k
RDO
V
IN
LP3936
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
www.ti.com
BLOCK DIAGRAM
Modes of Operation
RESET: In the RESET mode all the internal registers are reset to the default values. Boost output register is set
to 4.55V (register 0Dh = 07h), ext_pwm is enabled for color outputs (register 2Bh = 1Ch), EN_BOOST bit
is high (register 0Bh bit 5) and all other registers are set to 00h. Reset is entered always if input NRST is
LOW or internal Power On Reset is active.
STANDBY: The STANDBY mode is entered if the register bit NSTBY is LOW and Reset is not active. This is the
low power consumption mode, when all circuit functions are disabled. Registers can be written in this
mode and the control bits are effective immediately after start up.
STARTUP: INTERNAL STARTUP SEQUENCE powers up all the needed internal blocks (VREF, Bias, Oscillator,
etc.). To ensure the correct oscillator initialization, a 10 ms delay is generated by the internal state-
machine. Thermal shutdown (THSD) disables the chip operation and Startup mode is entered until no
thermal shutdown event is present.
BOOST STARTUP: Soft start for boost output is generated in the BOOST STARTUP mode. In this mode the
boost output is raised in PFM mode during the 10 ms delay generated by the state-machine. The Boost
startup is entered from Internal Startup Sequence if EN_BOOST is HIGH or from Normal mode when
EN_BOOST is written HIGH. During Boost Startup all LEDs are turned off to reduce the loading.
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com