Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP3936
Description  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3936 Datasheet HTML 4Page - Texas Instruments LP3936 Datasheet HTML 5Page - Texas Instruments LP3936 Datasheet HTML 6Page - Texas Instruments LP3936 Datasheet HTML 7Page - Texas Instruments LP3936 Datasheet HTML 8Page - Texas Instruments LP3936 Datasheet HTML 9Page - Texas Instruments LP3936 Datasheet HTML 10Page - Texas Instruments LP3936 Datasheet HTML 11Page - Texas Instruments LP3936 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LP3936
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
www.ti.com
Logic Interface Characteristics (1.65V
≤ V
DD_IO ≤ 1.8V)
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LOGIC INPUTS DI, SCL, NRST, RGB_EN, CS, MW_SEL
VIL
Input Low Level
0.35
V
VIH
Input High Level
VDD_IO − 0.35
V
II
Logic Input Current
−1.0
1.0
µA
fSCL
Clock Frequency
I2C Mode
200
kHz
MicroWire Mode
4
MHz
LOGIC OUTPUTS DO, CS
VOL
Output Low Level
IDO, CS = 2mA
0.3
0.6
V
VOH
Output High Level
IDO = − 2mA
VDD_IO − 0.6
VDD_IO − 0.3
V
IL
Output Leakage Current
VDO = 2.8V
1.0
µA
(1)
In I2C mode operating ratings are limited to 3.0V
≤ VDD1,2 ≤ 4.5V and –20°C ≤ TA ≤ +85°C.
Control Interface
The LP3936 supports two different interfaces modes:
1)
MicroWire/SPI interface
2)
I2C compatible interface
User can define the interface by MW_SEL pin. The pin configuration will also change depending on which
interface is selected. The following table shows the selections for both interface modes.
MW_SEL
Interface
Pin Configuration
Comment
1
MicroWire/SPI
SCL
(clock)
DI
(data in)
DO
(data out)
CS
(chip select)
0
I2C Compatible
SCL
(clock)
Use pull up resistor for SCL
CS = SDA
(data in/out)
Use pull up resistor for SDA
MicroWire/SPI Interface
The Microwire transmission consists of 16-bit Write and Read Cycles. One cycle consists of 7 Address bits, 1
Read/Write (R/W) bit and 8 Data bits. Read is done in two cycles: address is provided in the first cycle and the
data is sent out on the next cycle. R/W bit high state defines a Write Cycle and low defines a Read Cycle. DO
output is normally in high-impedance state and it is active only during Write and Read Cycles. A pull-up or pull-
down resistor may be needed in DO line if a floating logic signal can cause unintended current consumption in
other circuits where DO is connected.
The Address and Data are transmitted MSB first. The Chip Select signal CS must be low during the Cycle
transmission. CS resets the interface when high and it has to be taken high between successive Cycles. Data is
clocked in on the rising edge of the SCL clock signal, while data is clocked out on the falling edge of SCL.
The MicroWire interface mode can also support SPI interface. The difference with normal SPI interface is that in
LP3936 the Read operation from a new address needs two read cycles. If repetitive reads are made from the
same address, a correct value is obtained on every read cycle.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com