Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP3936
Description  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3936 Datasheet HTML 7Page - Texas Instruments LP3936 Datasheet HTML 8Page - Texas Instruments LP3936 Datasheet HTML 9Page - Texas Instruments LP3936 Datasheet HTML 10Page - Texas Instruments LP3936 Datasheet HTML 11Page - Texas Instruments LP3936 Datasheet HTML 12Page - Texas Instruments LP3936 Datasheet HTML 13Page - Texas Instruments LP3936 Datasheet HTML 14Page - Texas Instruments LP3936 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
ack from slave
start
msb Chip Address lsb
SCL
ack from slave
w
msb Register Add lsb
rs
r
msb
DATA
lsb
stop
ack from slave
ack from master
repeated start
data from slave
SDA
start
Id = 36h
w ack
addr = K¶00
ack
rs
r ack
$GGUHVV K¶00 data
ack stop
msb Chip Address lsb
Id = 36h
start
msb Chip Address lsb
w
ack
msb Register Add lsb
ack
msb
DATA
lsb
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDA
start
Id = 36h
w
ack
addr = 02h
ack
ack
DGGUHVV K¶02 data
stop
ADR6
bit7
ADR5
bit6
ADR4
bit5
ADR3
bit4
ADR2
bit3
ADR1
bit2
ADR0
bit1
R/W
bit0
MSB
LSB
0
1
1
0
1
1
0
I
2
C SLAVE address (chip address)
LP3936
www.ti.com
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
TRANSFERRING DATA
Every byte put on the SDA line must be eight bits long, with the most significant bit (MSB) being transferred first.
Each byte of data has to be followed by an acknowledge bit. The acknowledge related clock pulse is generated
by the master. The transmitter releases the SDA line (HIGH) during the acknowledge clock pulse. The receiver
must pull down the SDA line during the 9th clock pulse, signifying an acknowledge. A receiver which has been
addressed must generate an acknowledge after each byte has been received.
After the START condition, the I2C master sends a chip address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W). The LP3936 address is 36h. For the eighth bit, a “0” indicates a
WRITE and a “1” indicates a READ. The second byte selects the register to which the data will be written. The
third byte contains data to write to the selected register.
Figure 8. I2C Chip Address
w = write (SDA = “0”)
r = read (SDA = “1”)
ack = acknowledge (SDA pulled down by either master or slave)
rs = repeated start
id = chip address, 36h for LP3936
Figure 9. I2C Write Cycle
When a READ function is to be accomplished, a WRITE function must precede the READ function, as shown in
the Read Cycle Waveform.
Figure 10. I2C Read Cycle
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com