Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP3936
Description  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3936 Datasheet HTML 3Page - Texas Instruments LP3936 Datasheet HTML 4Page - Texas Instruments LP3936 Datasheet HTML 5Page - Texas Instruments LP3936 Datasheet HTML 6Page - Texas Instruments LP3936 Datasheet HTML 7Page - Texas Instruments LP3936 Datasheet HTML 8Page - Texas Instruments LP3936 Datasheet HTML 9Page - Texas Instruments LP3936 Datasheet HTML 10Page - Texas Instruments LP3936 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
STANDBY
NSTBY = H
and
NRST = H
RESET
INTERNAL
STARTUP
SEQUENCE
NRST = L
or
POR = H
NSTBY = L
and
NRST = H
EN_BOOST = H*
THSD = H
~10 ms Delay
BOOST STARTUP
NSTBY = H
and
NRST = H
NSTBY = L
and
NRST = H
EN_BOOST = L*
~10 ms Delay
NORMAL
MODE
EN_BOOST
rising edge*
* THSD = L
V
REF = 95% OK*
LP3936
www.ti.com
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
NORMAL: During NORMAL mode the user controls the chip using the Control Registers. The registers can be
written in any sequence and any number of bits can be altered in a register in one write.
Figure 3. Modes of Operation Flowchart
Logic Interface Characteristics (1.8V
≤ V
DD_IO ≤ VDD1,2)
(5)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LOGIC INPUTS DI, SCL, NRST, RGB_EN, CS, MW_SEL
VIL
Input Low Level
0.5
V
VIH
Input High Level
VDD_IO − 0.5
V
II
Logic Input Current
−1.0
1.0
µA
fSCL
Clock Frequency
I2C Mode
400
kHz
MicroWire Mode
8
MHz
LOGIC OUTPUTS DO, CS
VOL
Output Low Level
IDO, CS = 3 mA
0.3
0.6
V
VOH
Output High Level
IDO = − 3 mA
VDD_IO − 0.6
VDD_IO − 0.3
V
IL
Output Leakage Current
VDO = 2.8V
1.0
µA
(5)
In I2C mode operating ratings are limited to 3.0V
≤ VDD1,2 ≤ 4.5V and –20°C ≤ TA ≤ +85°C.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com