Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3936
Description  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936 Datasheet(HTML) 1 Page - Texas Instruments

  LP3936 Datasheet HTML 1Page - Texas Instruments LP3936 Datasheet HTML 2Page - Texas Instruments LP3936 Datasheet HTML 3Page - Texas Instruments LP3936 Datasheet HTML 4Page - Texas Instruments LP3936 Datasheet HTML 5Page - Texas Instruments LP3936 Datasheet HTML 6Page - Texas Instruments LP3936 Datasheet HTML 7Page - Texas Instruments LP3936 Datasheet HTML 8Page - Texas Instruments LP3936 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Li-Ion Battery
or Charger
V
DD_IO
D1
RGB_EN
NRST
RGB
120 mA
max. per
LED
0 - 25 mA
per LED
C
OUT
+
L1
V
WLED1
WLED2
WLED3
WLED4
WLED5
WLED6
FB
ROUT
GOUT
BOUT
LP3936
10 PH
10 PF
10 PF
Baseband
Processor
or
Microcontroller
I2C or
MicroWire/
SPI Interface
Main Display
Backlight
Sub Display
Backlight
0 - 25 mA
per LED
GND
4
4.1 - 5.3V
V
OUT =
MAX
I
MW_SEL
AIN
AREF
Optical
sensor
= 250 mA
V
IN
OUT
C
IN
DD
LP3936
www.ti.com
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
LP3936 Lighting Management System for Six White LEDs and One RGB or FLASH LED
Check for Samples: LP3936
1
FEATURES
APPLICATIONS
2
•
High Efficiency 250 mA Magnetic Boost DC-DC
•
Cellular Phones
Converter with Programmable Output Voltage
•
PDAs
•
PWM controlled RGB LED drivers with
programmable color, brightness, turn on/off
DESCRIPTION
slopes and blinking
LP3936 is a complete lighting management system
designed
for
portable
wireless
applications.
It
•
FLASH function with 3 drivers, each up to 120
contains a boost DC/DC converter, 4 white LED
mA current
drivers to drive the main LCD panel backlight, 2 white
•
4 constant current White LED drivers with
LED drivers for sub-LCD panel and 1 set of RGB
programmable 8-bit adjustment
LED drivers.
(0 … 25 mA/LED)
Both
WLED
groups
have
8-bit
programmable
•
2 constant current White LED drivers with
constant current drivers that are separately adjustable
programmable 8-bit adjustment
and matched to 1% (typ.). For efficient backlighting
(0 … 25 mA/LED)
the backlight intensity can be adjusted using the 8-bit
ADC with ambient light detection circuit.
•
8-bit ADC for ambient light sensor with
averaging
The
RGB
LED
drivers
are
PWM-driven
with
•
Combined MicroWire/SPI and I2C compatible
programmable color, intensity and blinking patterns.
serial interface
In addition, they feature a FLASH function to support
picture taking with camera-enabled cellular phones.
•
Low current Standby mode (software
controlled)
•
Low voltage digital interface down to 1.8V
•
Space efficient 32-pin TLGA laminate package
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3936

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3936 NSC-LP3936 Datasheet
520Kb / 20P
Lighting Management System for Six White LEDs and One RGB or FLASH LED
LP3936SL NSC-LP3936SL Datasheet
520Kb / 20P
Lighting Management System for Six White LEDs and One RGB or FLASH LED
LP3936SLX NSC-LP3936SLX Datasheet
520Kb / 20P
Lighting Management System for Six White LEDs and One RGB or FLASH LED
More results

Similar Description - LP3936

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3933 NSC-LP3933 Datasheet
406Kb / 18P
Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
LP3936 NSC-LP3936 Datasheet
520Kb / 20P
Lighting Management System for Six White LEDs and One RGB or FLASH LED
logo
ams AG
AS3681 AMSCO-AS3681 Datasheet
307Kb / 4P
Power AND Lighting Management Unit
logo
Everlight Electronics C...
30-01UYC EVERLIGHT-30-01UYC Datasheet
182Kb / 4P
Fewer LEDs Required, Lowers Lighting System Cost
logo
Maxim Integrated Produc...
MAX8647 MAXIM-MAX8647 Datasheet
265Kb / 15P
Ultra-Efficient Charge Pumps for Six White/RGB LEDs in 3mm x 3mm Thin QFN
Rev 0; 4/07
MAX8647_0709 MAXIM-MAX8647_0709 Datasheet
265Kb / 15P
Ultra-Efficient Charge Pumps for Six White/RGB LEDs in 3mm x 3mm Thin QFN
Rev 1; 9/07
logo
Eutech Microelectronics...
EUP2561 EUTECH-EUP2561 Datasheet
453Kb / 9P
26V Step-Up Converters for Two to Six White LEDs
logo
ams AG
AS3676 AMSCO-AS3676 Datasheet
4Mb / 92P
Flexible Lighting Management
AS3677 AMSCO-AS3677 Datasheet
4Mb / 68P
Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
logo
Texas Instruments
LED171596A TI1-LED171596A Datasheet
1Mb / 153P
96-LED Matrix Driver for RGB and White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com