Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5401 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 30Page - Texas Instruments TMS320VC5401 Datasheet HTML 31Page - Texas Instruments TMS320VC5401 Datasheet HTML 32Page - Texas Instruments TMS320VC5401 Datasheet HTML 33Page - Texas Instruments TMS320VC5401 Datasheet HTML 34Page - Texas Instruments TMS320VC5401 Datasheet HTML 35Page - Texas Instruments TMS320VC5401 Datasheet HTML 36Page - Texas Instruments TMS320VC5401 Datasheet HTML 37Page - Texas Instruments TMS320VC5401 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 81 page
background image
Functional Overview
34
December 2000 − Revised February 2004
SPRS153C
3.8.1 Features
The DMA has the following features:
•
The DMA operates independently of the CPU.
•
The DMA has six channels. The DMA can keep track of the contexts of six independent block transfers.
•
The DMA has higher priority than the CPU for internal accesses.
•
Each channel has independently programmable priorities.
•
Each channels source and destination address registers can have configurable indexes through memory
on each read and write transfer, respectively. The address may remain constant, be post-incremented,
post-decremented, or be adjusted by a programmable value.
•
Each read or write transfer may be initialized by selected events.
•
Upon completion of a half-block or an entire-block transfer, each DMA channel may send an interrupt to
the CPU.
•
The DMA can perform double-word transfers (a 32-bit transfer of two 16-bit words).
3.8.2 DMA Memory Map
The DMA memory map is shown in Figure 3−10 to allow DMA transfers to be unaffected by the status of the
MPMC, DROM, and OVLY bits.
FFFF
Reserved
3000
2FFF
Hex
0000
005F
0060
Scratch-Pad
0080
007F
RAM†
Reserved
McBSP
Registers
001F
0020
0023
0024
1000
0FFF
Reserved
On-Chip DARAM
(4K x 16-bit)
1FFF
2000
On-Chip DARAM
(4K x 16-bit)
Reserved
† The scratch-pad RAM area is physically a part of the DARAM block starting at address 1000h. Physical location can
affect multiple access performance. (See Section 3.1.2.)
Figure 3−10. DMA Memory Map
3.8.3 DMA Priority Level
Each DMA channel can be independently assigned high priority or low priority relative to each other. Multiple
DMA channels that are assigned to the same priority level are handled in a round-robin manner.
3.8.4 DMA Source/Destination Address Modification
The DMA provides flexible address-indexing modes for easy implementation of data management schemes
such as autobuffering and circular buffers. Source and destination addresses can be indexed separately and
can be post-incremented, post-decremented, or post-incremented with a specified index offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com