Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5401 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 8Page - Texas Instruments TMS320VC5401 Datasheet HTML 9Page - Texas Instruments TMS320VC5401 Datasheet HTML 10Page - Texas Instruments TMS320VC5401 Datasheet HTML 11Page - Texas Instruments TMS320VC5401 Datasheet HTML 12Page - Texas Instruments TMS320VC5401 Datasheet HTML 13Page - Texas Instruments TMS320VC5401 Datasheet HTML 14Page - Texas Instruments TMS320VC5401 Datasheet HTML 15Page - Texas Instruments TMS320VC5401 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
Introduction
12
December 2000 − Revised February 2004
SPRS153C
2
Introduction
This section describes the main features of the TMS320VC5401, lists the pin assignments, and describes
the function of each pin. This data manual also provides a detailed description section, electrical
specifications, parameter measurement information, and mechanical data about the available packaging.
NOTE: This data manual is designed to be used in conjunction with the TMS320C54x DSP Functional
Overview (literature number SPRU307).
2.1
Description
The TMS320VC5401 fixed-point, digital signal processor (DSP) (hereafter referred to as the 5401 unless
otherwise specified) is based on an advanced modified Harvard architecture that has one program memory
bus and three data memory buses. This processor provides an arithmetic logic unit (ALU) with a high degree
of parallelism, application-specific hardware logic, on-chip memory, and additional on-chip peripherals. The
basis of the operational flexibility and speed of this DSP is a highly specialized instruction set.
Separate program and data spaces allow simultaneous access to program instructions and data, providing
the high degree of parallelism. Two read operations and one write operation can be performed in a single cycle.
Instructions with parallel store and application-specific instructions can fully utilize this architecture. In
addition, data can be transferred between data and program spaces. Such parallelism supports a powerful
set of arithmetic, logic, and bit-manipulation operations that can be performed in a single machine cycle. In
addition, the 5401 includes the control mechanisms to manage interrupts, repeated operations, and function
calls.
2.2
Pin Assignments
Figure 2−1 illustrates the ball locations for the 144-pin ball grid array (BGA) package and is used in conjunction
with Table 2−1 to locate signal names and ball grid numbers. Figure 2−2 provides the pin assignments for the
144-pin low-profile quad flatpack (LQFP) package.
2.2.1 Terminal Assignments for the GGU Package
Table 2−1 lists each signal name and BGA ball number for the 144-pin TMS320VC5401GGU package.
Table 2−2 lists each terminal name, terminal function, and operating modes for the TMS320VC5401.
A
B
D
C
E
F
H
J
L
M
K
N
G
1
2
3
4
5
6
7
8
10
12 11
13
9
Figure 2−1. 144-Ball GGU MicroStar BGA (Bottom View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com