Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5401 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 32Page - Texas Instruments TMS320VC5401 Datasheet HTML 33Page - Texas Instruments TMS320VC5401 Datasheet HTML 34Page - Texas Instruments TMS320VC5401 Datasheet HTML 35Page - Texas Instruments TMS320VC5401 Datasheet HTML 36Page - Texas Instruments TMS320VC5401 Datasheet HTML 37Page - Texas Instruments TMS320VC5401 Datasheet HTML 38Page - Texas Instruments TMS320VC5401 Datasheet HTML 39Page - Texas Instruments TMS320VC5401 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
Functional Overview
36
December 2000 − Revised February 2004
SPRS153C
Table 3−8. DMA Interrupts
MODE
DINM
IMOD
INTERRUPT
ABU (non-decrement)
1
0
At full buffer only
ABU (non-decrement)
1
1
At half buffer and full buffer
Multi-Frame
1
0
At block transfer complete (DMCTRn = DMSEFCn[7:0] = 0)
Multi-Frame
1
1
At end of frame and end of block (DMCTRn = 0)
Either
0
X
No interrupt generated
Either
0
X
No interrupt generated
3.8.10
DMA Controller Synchronization Events
The transfers associated with each DMA channel can be synchronized to one of several events. The DSYN
bit field of the DMA channel x sync select and frame count (DMSFCx) register selects the synchronization
event for a channel. The list of possible events and the DSYN values are shown in Table 3−9.
Table 3−9. DMA Synchronization Events
DSYN VALUE
DMA SYNCHRONIZATION EVENT
0000b
No synchronization used
0001b
McBSP0 receive event
0010b
McBSP0 transmit event
0011−0100b
Reserved
0101b
McBSP1 receive event
0110b
McBSP1 transmit event
0111b−0110b
Reserved
1101b
Timer0 interrupt
1110b
External interrupt 3
1111b
Timer1 interrupt
3.8.11
DMA Channel Interrupt Selection
The DMA controller can generate a CPU interrupt for each of the six channels. However, the interrupt sources
for channels 0,1, 2, and 3 are multiplexed with other interrupt sources. DMA channels 2 and 3 share an
interrupt line with the receive and transmit portions of McBSP1 (IMR/IFR bits 10 and 11), and DMA channel 1
shares an interrupt line with timer 1 (IMR/IFR bit 7). The interrupt source for DMA channel 0 is shared with
a reserved interrupt source. When the 5401 is reset, the interrupts from these four DMA channels are
deselected. The INTSEL bit field in the DMA channel priority and enable control (DMPREC) register can be
used to select these interrupts, as shown in Table 3−10.
Table 3−10. DMA Channel Interrupt Selection
INTSEL Value
IMR/IFR[6]
IMR/IFR[7]
IMR/IFR[10]
IMR/IFR[11]
00b (reset)
Reserved
TINT1
BRINT1
BXINT1
01b
Reserved
TINT1
DMAC2
DMAC3
10b
DMAC0
DMAC1
DMAC2
DMAC3
11b
Reserved
3.9
Memory-Mapped Registers
The 5401 has 27 memory-mapped CPU registers, which are mapped in data memory space addresses 0h
to 1Fh. Table 3−11 gives a list of CPU memory-mapped registers (MMRs) available on 5401. The device also
has a set of memory-mapped registers associated with peripherals. Table 3−12, Table 3−13, and Table 3−14
show additional peripheral MMRs associated with the 5401.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com