Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5401 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 18Page - Texas Instruments TMS320VC5401 Datasheet HTML 19Page - Texas Instruments TMS320VC5401 Datasheet HTML 20Page - Texas Instruments TMS320VC5401 Datasheet HTML 21Page - Texas Instruments TMS320VC5401 Datasheet HTML 22Page - Texas Instruments TMS320VC5401 Datasheet HTML 23Page - Texas Instruments TMS320VC5401 Datasheet HTML 24Page - Texas Instruments TMS320VC5401 Datasheet HTML 25Page - Texas Instruments TMS320VC5401 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 81 page
background image
Functional Overview
22
December 2000 − Revised February 2004
SPRS153C
3.2
Memory Map
Page 0 Program
Hex
Data
On-Chip DARAM
(OVLY = 1)
External
(OVLY = 0)
MP/MC= 0
(Microcomputer Mode)
MP/MC= 1
(Microprocessor Mode)
0000
0FFF
1000
FFFF
Reserved
(OVLY = 1)
External
(OVLY = 0)
Interrupts
(External)
FF80
Memory Mapped
Registers
On-Chip DARAM
(4K x 16-bit)
ROM (DROM=1)
or External
(DROM=0)
0080
FFFF
Hex
0000
FF7F
FF00
FEFF
EFFF
F000
FFFF
3FFF
4000
0060
007F
0000
Hex
Page 0 Program
External
External
Scratch-Pad
RAM†
Reserved
(DROM=1)
or External
(DROM=0)
005F
Reserved
(OVLY = 1)
External
(OVLY = 0)
3FFF
4000
FF00
FEFF
EFFF
F000
External
On-Chip ROM
(4K x 16-bit)
Interrupts
(On-Chip)
3FFF
4000
FF7F
FF80
1FFF
2000
1FFF
2000
1FFF
2000
Reserved
On-Chip DARAM
(OVLY = 1)
External
(OVLY = 0)
On-Chip DARAM
(4K x 16-bit)
Reserved
0FFF
1000
2FFF
3000
0FFF
1000
2FFF
3000
2FFF
3000
On-Chip DARAM
(OVLY = 1)
External
(OVLY = 0)
On-Chip DARAM
(OVLY = 1)
External
(OVLY = 0)
Reserved
Reserved
(OVLY = 1)
External
(OVLY = 0)
Reserved
(OVLY = 1)
External
(OVLY = 0)
† The scratch-pad RAM area is physically a part of the DARAM block starting at address 1000h. Physical location can
affect multiple access performance. (See Section 3.1.2.)
Figure 3−2. Memory Map
3.2.1 Relocatable Interrupt Vector Table
The reset, interrupt, and trap vectors are addressed in program space. These vectors are soft — meaning
that the processor, when taking the trap, loads the program counter (PC) with the trap address and executes
the code at the vector location. Four words are reserved at each vector location to accommodate a delayed
branch instruction, either two 1-word instructions or one 2-word instruction, which allows branching to the
appropriate interrupt service routine with minimal overhead.
At device reset, the reset, interrupt, and trap vectors are mapped to address FF80h in program space.
However, these vectors can be remapped to the beginning of any 128-word page in program space after
device reset. This is done by loading the interrupt vector pointer (IPTR) bits in the PMST register (see
Figure 3−3) with the appropriate 128-word page boundary address. After loading IPTR, any user interrupt or
trap vector is mapped to the new 128-word page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com