Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5401 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 25Page - Texas Instruments TMS320VC5401 Datasheet HTML 26Page - Texas Instruments TMS320VC5401 Datasheet HTML 27Page - Texas Instruments TMS320VC5401 Datasheet HTML 28Page - Texas Instruments TMS320VC5401 Datasheet HTML 29Page - Texas Instruments TMS320VC5401 Datasheet HTML 30Page - Texas Instruments TMS320VC5401 Datasheet HTML 31Page - Texas Instruments TMS320VC5401 Datasheet HTML 32Page - Texas Instruments TMS320VC5401 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 81 page
background image
Functional Overview
29
December 2000 − Revised February 2004
SPRS153C
The HPI8 interface consists of an 8-bit bidirectional data bus and various control signals. Sixteen-bit transfers
are accomplished in two parts with the HBIL input designating high or low byte. The host communicates with
the HPI8 through three dedicated registers — HPI address register (HPIA), HPI data register (HPID), and an
HPI control register (HPIC). The HPIA and HPID registers are only accessible by the host, and the HPIC
register is accessible by both the host and the 5401.
FFFF
Reserved
3000
2FFF
Hex
0000
005F
0060
Scratch-Pad
0080
007F
RAM†
Reserved
McBSP
Registers
001F
0020
0023
0024
1000
0FFF
Reserved
On-Chip DARAM
(4K x 16-bit)
1FFF
2000
On-Chip DARAM
(4K x 16-bit)
Reserved
† The scratch-pad RAM area is physically a part of the DARAM block starting at address 1000h. Physical location can
affect multiple access performance. (See Section 3.1.2)
Figure 3−8. HPI8 Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com