Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5401 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 12Page - Texas Instruments TMS320VC5401 Datasheet HTML 13Page - Texas Instruments TMS320VC5401 Datasheet HTML 14Page - Texas Instruments TMS320VC5401 Datasheet HTML 15Page - Texas Instruments TMS320VC5401 Datasheet HTML 16Page - Texas Instruments TMS320VC5401 Datasheet HTML 17Page - Texas Instruments TMS320VC5401 Datasheet HTML 18Page - Texas Instruments TMS320VC5401 Datasheet HTML 19Page - Texas Instruments TMS320VC5401 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 81 page
background image
Introduction
16
December 2000 − Revised February 2004
SPRS153C
Table 2−2. Signal Descriptions (Continued)
TERMINAL
NAME
DESCRIPTION
TYPE†
TERMINAL
NAME
DESCRIPTION
TYPE†
INITIALIZATION, INTERRUPT, AND RESET OPERATIONS (CONTINUED)
RS
I
Reset. RS causes the digital signal processor (DSP) to terminate execution and causes a reinitialization of the CPU
and peripherals. When RS is brought to a high level, execution begins at location 0FF80h of program memory. RS
affects various registers and status bits.
MP/MC
I
Microprocessor/microcomputermode select. If active low at reset, microcomputer mode is selected, and the
internal program ROM is mapped into the upper 4K words of program memory space. If the pin is driven high during
reset, microprocessor mode is selected, and the on-chip ROM is removed from program space. This pin is only
sampled at reset, and the MP/MC bit of the processor mode status (PMST) register can override the mode that
is selected at reset.
MULTIPROCESSING SIGNALS
BIO
I
Branch control. A branch can be conditionally executed when BIO is active. If low, the processor executes the
conditionalinstruction. For the XC instruction, the BIO condition is sampled during the decode phase of the pipeline;
all other instructions sample BIO during the read phase of the pipeline.
XF
O/Z
External flag output (latched software-programmable signal). XF is set high by the SSBX XF instruction, set low
by the RSBX XF instruction or by loading ST1. XF is used for signaling other processors in multiprocessor
configurations or used as a general-purpose output pin. XF goes into the high-impedance state when OFF is low,
and is set high at reset.
MEMORY CONTROL SIGNALS
DS
PS
IS
O/Z
Data, program, and I/O space select signals. DS, PS, and IS are always high unless driven low for accessing a
particular external memory space. Active period corresponds to valid address information. DS, PS, and IS are
placed into the high-impedance state in the hold mode; the signals also go into the high-impedance state when OFF
is low.
MSTRB
O/Z
Memory strobe signal. MSTRB is always high unless low-level asserted to indicate an external bus access to data
or program memory. MSTRB is placed in the high-impedance state in the hold mode; it also goes into the
high-impedancestate when OFF is low.
READY
I
Data ready. READY indicates that an external device is prepared for a bus transaction to be completed. If the
device is not ready (READY is low), the processor waits one cycle and checks READY again. Note that the
processor performs ready detection if at least two software wait states are programmed. The READY signal is not
sampled until the completion of the software wait states.
R/W
O/Z
Read/write signal. R/W indicates transfer direction during communication to an external device. R/W is normally
in the read mode (high), unless it is asserted low when the DSP performs a write operation. R/W is placed in the
high-impedance state in hold mode; it also goes into the high-impedance state when OFF is low.
IOSTRB
O/Z
I/O strobe signal. IOSTRB is always high unless low-level asserted to indicate an external bus access to an I/O
device. IOSTRB is placed in the high-impedance state in the hold mode; it also goes into the high-impedance state
when OFF is low.
HOLD
I
Hold. HOLD is asserted to request control of the address, data, and control lines. When acknowledged by the
C54x DSP, these lines go into the high-impedance state.
HOLDA
O/Z
Hold acknowledge. HOLDA indicates that the 5401 is in a hold state and that the address, data, and control lines
are in the high-impedance state, allowing the external memory interface to be accessed by other devices. HOLDA
also goes into the high-impedance state when OFF is low. This pin is driven high during reset.
MSC
O/Z
Microstate complete. MSC indicates completion of all software wait states. When two or more software wait states
are enabled, the MSC pin goes active at the beginning of the first software wait state and goes inactive high at the
beginningof the last software wait state. If connected to the READY input, MSC forces one external wait state after
the last internal wait state is completed. MSC also goes into the high-impedance state when OFF is low.
IAQ
O/Z
Instruction acquisition signal. IAQ is asserted (active low) when there is an instruction address on the address bus.
IAQ goes into the high-impedance state when OFF is low.
† I = input, O = output, Z = high impedance, S = supply
‡ All revisions of the 5401 can be operated with an external clock source, provided that the proper voltage levels be driven on the X2/CLKIN pin.
It should be noted that the X2/CLKIN pin is referenced to the device 1.8-V power supply (CVDD), rather than the 3-V I/O supply (DVDD). Refer
to the recommended operating conditions section of this document for the allowable voltage levels of the X2/CLKIN pin.
C54x is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com