Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5401 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 21Page - Texas Instruments TMS320VC5401 Datasheet HTML 22Page - Texas Instruments TMS320VC5401 Datasheet HTML 23Page - Texas Instruments TMS320VC5401 Datasheet HTML 24Page - Texas Instruments TMS320VC5401 Datasheet HTML 25Page - Texas Instruments TMS320VC5401 Datasheet HTML 26Page - Texas Instruments TMS320VC5401 Datasheet HTML 27Page - Texas Instruments TMS320VC5401 Datasheet HTML 28Page - Texas Instruments TMS320VC5401 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 81 page
background image
Functional Overview
25
December 2000 − Revised February 2004
SPRS153C
0 0000
1 0000
1 3FFF
Page 1
Lower
16K}
External
2 0000
2 3FFF
Page 2
Lower
16K}
External
. . .
. . .
F 0000
F 3FFF
Page 15
Lower
16K}
External
0 FFFF
Page 0
64K
Words{
1 4000
1 FFFF
Page 1
Upper
48K
External
2 4000
2 FFFF
Page 2
Upper
48K
External
. . .
. . .
F 4000
F FFFF
Page 15
Upper
48K
External
† See Figure 3−2.
‡ The lower 16K words of pages 1 through 15 are available only when the OVLY bit is cleared to 0. If the OVLY bit is set to 1, the on-chip RAM and
reserved addresses are mapped to the lower 16K words of all program space pages.
Figure 3−4. Extended Program Memory
3.3
On-Chip Peripherals
The 5401 device has the following peripherals:
•
Software-programmable wait-state generator with programmable bank-switching wait states
•
An enhanced 8-bit host-port interface (HPI8)
•
Two multichannel buffered serial ports (McBSPs)
•
Two hardware timers
•
A clock generator with a phase-locked loop (PLL)
•
A direct memory access (DMA) controller
3.3.1 Software-Programmable Wait-State Generator
The software wait-state generator of the 5401 can extend external bus cycles by up to fourteen machine
cycles. Devices that require more than fourteen wait states can be interfaced using the hardware READY line.
When all external accesses are configured for zero wait states, the internal clocks to the wait-state generator
are automatically disabled. Disabling the wait-state generator clocks reduces the power consumption of the
5401.
The software wait-state register (SWWSR) controls the operation of the wait-state generator. The 14 LSBs
of the SWWSR specify the number of wait states (0 to 7) to be inserted for external memory accesses to five
separate address ranges. This allows a different number of wait states for each of the five address ranges.
Additionally, the software wait-state multiplier (SWSM) bit of the software wait-state control register (SWCR)
defines a multiplication factor of 1 or 2 for the number of wait states. At reset, the wait-state generator is
initialized to provide seven wait states on all external memory accesses. The SWWSR bit fields are shown
in Figure 3−5 and described in Table 3−3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com