Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5401 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 17Page - Texas Instruments TMS320VC5401 Datasheet HTML 18Page - Texas Instruments TMS320VC5401 Datasheet HTML 19Page - Texas Instruments TMS320VC5401 Datasheet HTML 20Page - Texas Instruments TMS320VC5401 Datasheet HTML 21Page - Texas Instruments TMS320VC5401 Datasheet HTML 22Page - Texas Instruments TMS320VC5401 Datasheet HTML 23Page - Texas Instruments TMS320VC5401 Datasheet HTML 24Page - Texas Instruments TMS320VC5401 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
Functional Overview
21
December 2000 − Revised February 2004
SPRS153C
Table 3−1. Standard On-Chip ROM Layout†
ADDRESS RANGE
DESCRIPTION
F000h − F7FFh
Reserved
F800h − FBFFh
Bootloader
FC00h − FCFFh
µ-law expansion table
FD00h − FDFFh
A-law expansion table
FE00h − FEFFh
Sine look-up table
FF00h − FF7Fh
Reserved
FF80h − FFFFh
Interrupt vector table
† In the 5401 ROM, 128 words are reserved for factory device-testing purposes. Application code to
be implemented in on-chip ROM must reserve these 128 words at addresses FF00h–FF7Fh in
program space.
3.1.2 On-Chip RAM
The 5401 device contains 8K × 16-bit of on-chip dual-access RAM (DARAM). The DARAM is composed of
two blocks of 4K words each. Each DARAM block can support two reads in one cycle, or a read and a write
in one cycle. This allows code to be executed out of one block while two data values are read out of the other
block without incurring a cycle penalty. The first DARAM block occupies two address ranges: 0060h−007Fh
and 1000h−1FFFh in data space. The second DARAM block occupies 2000h−2FFFh in data space. In
program space, each block occupies the same address ranges with the exception of 0060h−007Fh, which
are not available.
3.1.3 On-Chip Memory Security
The 5401 features a 16K-word × 16-bit on-chip maskable ROM.
Customers can arrange to have the ROM of the 5401 programmed with contents unique to any particular
application. A security option is available to protect a custom ROM. The ROM and ROM/RAM security options
are available on the 5401. These security options are described in the TMS320C54x DSP Reference Set,
Volume 1: CPU and Peripherals (literature number SPRU131). When the security options are enabled, JTAG
emulation is inhibited or nonfunctional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com