Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501TMX/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501TMX/NOPB
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501TMX/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP8501TMX/NOPB Datasheet HTML 14Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 15Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 16Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 17Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 18Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 19Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 20Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 21Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
LP8501
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
www.ti.com
Powering LEDs
The power for the LEDs is supplied via VDD1_6 (outputs D1 to D6) and VDD7_9 pins (outputs D7 and D9).
Powering LEDs this way allows flexibility since the pins can be connected to the VDD or to the VOUT (or to another
application power source, for example, an external DC/DC converter may be used), depending on the
application.
In the case of LEDs which have forward voltages around 2 volts, LEDs can be powered directly from VDD. If all
the LEDs are powered from VDD or an external power source and VOUT is not used the charge pump can be left
unconnected and charge pump capacitors can be left uninstalled. When the forward voltage of the LEDs is
around 3.6V, VDD may not be high enough. In this case the LEDs should be powered from the VOUT.
Note that the power supply must be correctly defined in the LP8501 register settings (register
05h 'Power
Config').
Controlling the PWM of High-Side LED Drivers
1. Direct PWM Control
–
All LP8501 LED drivers, D1 to D9, can be controlled independently through the two-wire serial I2C
compatible interface. For each high-side driver there is a PWM control register. Direct PWM control is
active by default.
2. Controlling by Program Execution Engines
–
Engine control is used when the user wants to create programmed sequences. Th program execution
engine has higher priority than direct control registers. Therefore, if the user has set a certain value to the
PWM register, it will be automatically overridden when the program execution engine controls the driver.
LED control and program execution engine operation is described later on in this document.
3. Group Fader Control
–
In addition to LED-by-LED PWM register control, the LP8501 is equipped with group fader control, which
allows the user to fade in or fade out multiple LEDs by writing to only one register. This is a useful
function to minimize serial bus traffic between the MCU and the LP8501. The LP8501 has three group
fader registers, so it is possible to form three fader groups.
–
With the LP8501 it is also possible to set fade-in and fade-out times. These times control the time when
ramping up or down the group PWM value. Time can be set with 4-bits according to the following table.
FADE IN/FADE OUT
Time (s)
0000
0.0
0001
0.05
0010
0.1
0011
0.2
0100
0.3
0101
0.4
0110
0.5
0111
0.6
1000
0.7
1001
0.8
1010
0.9
1011
1.0
1100
1.5
1101
2.0
1110
3.0
1111
4.0
18
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com