Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501TMX/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501TMX/NOPB
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501TMX/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP8501TMX/NOPB Datasheet HTML 7Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 8Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 9Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 10Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 11Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 12Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 13Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 14Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
VDD
VOUT
TIME (10 ms/DIV)
2.7
3.1
3.5
3.8
4.2
4.6
VDD
VOUT
3.6V
4.2V
2.8V
3.6V
TIME (2 ms/DIV)
VLED = 3.6V
VLED = 3.3V
VLED = 3V
IOUT = 45 mA
(9*5 mA)
VDD
2.7
3.4
3.0
3.3
3.6
3.9
4.2
3.6
3.8
4.1
4.3
4.5
VDD decreasing
VDD increasing
VDD
2.7
2.8
3.0
3.3
3.6
3.9
4.2
3.1
3.5
3.8
4.2
4.5
100 mV
200 mV
300 mV
400 mV
VDD
2.7
2.9
3.0
3.3
3.6
3.9
4.2
3.2
3.5
3.9
4.2
4.5
Startup to 1x mode
Startup to 1.5x mode
TIME (200 2s/DIV)
0.9
1.8
2.8
3.7
4.6
0.0
LP8501
www.ti.com
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Charge Pump Automatic Gain Change with Different
Charge Pump Startup in 1x and 1.5x Modes
Hysteresis
Figure 9.
Figure 10.
Charge Pump Automatic Gain Change with Different LED
Charge Pump Automatic Gain Change Hysteresis with 400
Forward Voltages
mV Setting
Figure 11.
Figure 12.
Line Transient and Charge Pump Automatic Gain Change
Line Transient and Charge Pump Automatic Gain Change
(1.5x to 1x)
(1x to 1.5x)
with 9 LED Outputs at 1mA 100% PWM
with 9 LED Outputs at 1mA 100% PWM
Figure 13.
Figure 14.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com