Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501TMX/NOPB Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501TMX/NOPB
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501TMX/NOPB Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP8501TMX/NOPB Datasheet HTML 31Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 32Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 33Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 34Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 35Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 36Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 37Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 38Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
LP8501
www.ti.com
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
Table 5. Control Register Map (continued)
Hex
Register Name
Bit(s)
Read/Wr
Default Value
Bit Mnemonic and Description
Address
ite
After Reset
50
PROGRAM MEMORY
[15:8]
R/W
00000000
00h/10h/20h/30h/40h/50h
51
[7:0]
R/W
00000000
52
PROGRAM MEMORY
[15:8]
R/W
00000000
01h/11h/21h/31h/41h/51h
53
[7:0]
R/W
00000000
54
PROGRAM MEMORY
[15:8]
R/W
00000000
02h/12h/22h/32h/42h/52h
55
[7:0]
R/W
00000000
56
PROGRAM MEMORY
[15:8]
R/W
00000000
03h/13h/23h/33h/43h/53h
57
[7:0]
R/W
00000000
58
PROGRAM MEMORY
[15:8]
R/W
00000000
04h/14h/24h/34h/44h/54h
59
[7:0]
R/W
00000000
5A
PROGRAM MEMORY
[15:8]
R/W
00000000
05h/15h/25h/35h/45h/55h
5B
[7:0]
R/W
00000000
5C
PROGRAM MEMORY
[15:8]
R/W
00000000
CMD
06h/16h/26h/36h/46h/56h
5D
[7:0]
R/W
00000000
Every Instruction is 16-bit wide.
The LP8501 can store 96 instructions. Each
5E
PROGRAM MEMORY
[15:8]
R/W
00000000
instruction consists of 16 bits. Because one register
07H/17H/27H/37H/47H/57H
5F
[7:0]
R/W
00000000
has only 8 bits, one instruction requires two register
60
PROGRAM MEMORY
[15:8]
R/W
00000000
addresses. In order to reduce program load time the
08h/18h/28h/38h/48h/58h
LP8501 supports address auto-incrementation.
61
[7:0]
R/W
00000000
Register address is incremented after each 8 data
62
PROGRAM MEMORY
[15:8]
R/W
00000000
bits. Thus the whole program memory page can be
09h/19h/29h/39h/49h/59h
written in one serial bus write sequence.
63
[7:0]
R/W
00000000
64
PROGRAM MEMORY
[15:8]
R/W
00000000
0Ah/1Ah/2Ah/3Ah/4Ah/5Ah
65
[7:0]
R/W
00000000
66
PROGRAM MEMORY
[15:8]
R/W
00000000
0Bh/1Bh/2Bh/3Bh/4Bh/5Bh
67
[7:0]
R/W
00000000
68
PROGRAM MEMORY
[15:8]
R/W
00000000
0Ch/1Ch/2Ch/3Ch/4Ch/5Ch
69
[7:0]
R/W
00000000
6A
PROGRAM MEMORY
[15:8]
R/W
00000000
0Dh/1Dh/2Dh/3Dh/4Dh/5Dh
6B
[7:0]
R/W
00000000
6C
PROGRAM MEMORY
[15:8]
R/W
00000000
0Eh/1Eh/2Eh/3Eh/4Eh/5Eh
6D
[7:0]
R/W
00000000
6E
PROGRAM MEMORY
[15:8]
R/W
00000000
0FH/1FH/2FH/3FH/4FH/5F
6F
[7:0]
R/W
00000000
H
76
GAIN CHANGE CONTROL
[7:6]
R/W
000xxxxx
THRESHOLD
Threshold voltage (typ.)
00 — 400 mV
01 — 300 mV
10 — 200 mV
11 — 100 mV
[5]
R/W
xx0xxxxx
RESERVED BIT
When writing to register, write always '0'
[4:3]
R/W
xx000xxx
TIMER
00 — 5 ms
01 — 10 ms
10 — 50 ms
11 — infinite
[2]
R/W
xx0xx0xx
FORCE_1x
Activates 1.5x to 1x timer
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com