Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501TMX/NOPB Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501TMX/NOPB
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501TMX/NOPB Datasheet(HTML) 43 Page - Texas Instruments

Back Button LP8501TMX/NOPB Datasheet HTML 39Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 40Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 41Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 42Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 43Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 44Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 45Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 46Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
LP8501
www.ti.com
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
–
01 = 300 mV
–
10 = 200 mV
–
11 = 100 mV
–
Note: Values above are typical and should not be used as product specification.
–
Note: Writing to THRESHOLD [7:6] bits by the user overrides factory settings. Factory settings are not
user accessible.
–
76 — Bit [5] — RESERVED
–
This bit is reserved for future use. When writing to register 76h, this bit should be written '0'.
–
76 — Bits [4:3] — TIMER
–
Automatic mode change from 1.5x to 1x is attempted at the interval specified with these bits. After the
specified interval time mode change to 1x is allowed if there is enough voltage over the LED drivers to
ensure proper operation. If FORCE_1x is set to '1' after the specified interval time 1x mode is always
tested.
–
00 = 5 ms
–
01 = 10 ms
–
10 = 50 ms
–
11 = infinite. The charge pump switches gain from 1x mode to 1.5x mode only. The gain reset back to
1x is enabled under certain conditions, for example in the powersave mode.
–
76 — Bit [2] — FORCE_1x
–
Activates forced mode change. In forced mode charge pump mode change from 1.5x to 1x is
attempted at the interval specified with the TIMER bits.
–
1 = forced mode changes enabled
–
0 = forced mode changes disabled
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com