Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501TMX/NOPB Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501TMX/NOPB
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501TMX/NOPB Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP8501TMX/NOPB Datasheet HTML 30Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 31Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 32Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 33Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 34Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 35Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 36Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 37Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
LP8501
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
www.ti.com
Table 5. Control Register Map (continued)
Hex
Register Name
Bit(s)
Read/Wr
Default Value
Bit Mnemonic and Description
Address
ite
After Reset
3B
GPO
[2]
R/W
xxxxx0xx
INT_CONF
INT pin can be configured to function as a GPO with
this bit.
[1]
R/W
xxxxxx0x
GPO
GPO pin control
[0]
R/W
xxxxxxx0
INT_GPO
GPO pin control for INT pin (when INT_CONF is set
to '1')
3D
RESET
[7:0]
R/W
00000000
RESET
Writing 11111111 into this register resets the LP8501
41
LED TEST CONTROL
[7]
R/W
0xxxxxxx
EN_LED_TEST_ADC
[6]
R/W
x0xxxxxx
EN_LED_TEST_INT
[5]
R/W
xx0xxxxx
LED_TEST_CONTINUOUS_CONV
Continuous LED test measurement selection
[4:0]
R/W
xxx00000
LED_TEST_CTRL
Control bits for LED test
42
LED TEST ADC
[7:0]
R
N/A
LED_TEST_ADC
LED test result
48
GROUP FADER1
[7:0]
R/W
00000000
GROUP FADER
49
GROUP FADER2
[7:0]
R/W
00000000
GROUP FADER
4A
GROUP FADER3
[7:0]
R/W
00000000
GROUP FADER
4C
ENG1 PROG START
[6:0]
R/W
x0000000
ADDR
ADDR
4D
ENG2 PROG START
[6:0]
R/W
x0001000
ADDR
ADDR
4E
ENG3 PROG START
[6:0]
R/W
x0010000
ADDR
ADDR
4F
PROG MEM PAGE SEL
[2:0]
R/W
xxxxx000
PAGE_SEL
34
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com