Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501TMX/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501TMX/NOPB
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501TMX/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP8501TMX/NOPB Datasheet HTML 20Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 21Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 22Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 23Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 24Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 25Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 26Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 27Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
LP8501
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
www.ti.com
MUX_INC
A mux_inc instruction sets the next row active in the mapping table each time it is called. For example, if the 2nd
row is active after a mux_inc instruction is called, the 3rd row will be active. If the mapping table end is reached,
activation will roll to the mapping table start address next time when the mux_inc instruction is called. The engine
will not push a new PWM value to the LED driver output before a SET_PWM or RAMP instruction is executed. If
the mapping has been released from an LED, the value in the PWM register will still control the LED brightness.
If the mapping is released from the GPO pin, serial bus control takes over the GPO state.
MUX_DEC
A mux_dec instruction sets the previous row active in the mapping table each time it is called. For example, if the
3rd row is active, after mux_dec instruction is called, the 2nd row will be active. If the mapping table start address
is reached, activation will roll to the mapping table end address the next time the mux_dec instruction is called.
The engine will not push a new PWM value to the LED driver output before a SET_PWM or RAMP instruction is
executed. If the mapping has been released from an LED, the value in the PWM register will still control the LED
brightness. If the mapping is released from the GPO pin, serial bus control takes over the GPO state.
MUX_SET
Mux_set sets the index pointer to point the mapping table row defined by bits [6:0] and sets the row active. The
engine will not push a new PWM value to the LED driver output before a SET_PWM or RAMP instruction is
executed. If the mapping has been released from an LED, the value in the PWM register will still control the LED
brightness. If the mapping is released from the GPO pin, serial bus control takes over the GPO state.
Name
Value (d)
Description
SRAM address
0 to 95
Any SRAM address containing mapping data
GO-TO-START
A go-to-start command resets the Program Counter register (address 37h 38h or 39h) and continues executing
the program from the I2C register program start address defined in 4Ch-4Eh. Command takes sixteen 32 kHz
clock cycles. Note that default value for all program memory registers is 00h, which is “Go-to-Start” command.
BRANCH
Branch instruction is mainly indented for repeating a portion of the program code several times. Step number
parameter defines how many steps loop start point is relative to the engine Start Address. The loop count
parameter defines how many times the instructions inside the loop are repeated. The LP8501 supports nested
looping, i.e., loop inside loop. The number of nested loops is not limited. Instruction takes sixteen 32 kHz clock
cycles.
Name
Value (d)
Description
loop count
0 to 63
The number of loops to be done. 0 means an infinite loop.
step number
0- to 95
How many steps loop start point is from engine Start Address.
INT
Sends interrupt to processor by pulling the INT pin down and setting the corresponding status bit high. Interrupt
can be cleared by reading interrupt bits in STATUS/INTERRUPT register at address 3Ah. With this instruction
program execution continues.
24
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com