Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501TMX/NOPB Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501TMX/NOPB
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501TMX/NOPB Datasheet(HTML) 40 Page - Texas Instruments

Back Button LP8501TMX/NOPB Datasheet HTML 36Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 37Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 38Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 39Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 40Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 41Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 42Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 43Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
LP8501
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
www.ti.com
•
3A — Bit [7] LED_TEST_MEASUREMENT_DONE
–
This bit indicates when the LED test is done, and the result is written to the LED TEST ADC register.
Typically the conversion takes 2.7 milliseconds to complete.
–
1 = LED test done
–
0 = LED test not done
–
This bit is a read-only bit, and it is cleared (to “0”) automatically after a read operation.
•
3A — Bit [6] MASK_BUSY
–
Mask bit for interrupts generated by STARTUP_BUSY or ENGINE_BUSY.
–
1 = Interrupt events will be masked i.e. no external interrupt will be generated from STARTUP_BUSY or
ENGINE_BUSY event (default).
–
0 = External interrupt will be generated when STARTUP_BUSY or ENGINE_BUSY condition is no longer
true. Reading the register 3Ah clears the status bits [5:4] and releases INT pin to high state.
•
3A — Bit [5] STARTUP_BUSY
–
A status bit which indicates that the device is running the internal start-up sequence. See Modes of
Operation for details.
–
1 = internal start-up sequence running. Note: STARTUP_BUSY = 1 always when CHIP_EN bit is '0'
–
0 = internal start-up sequence completed
•
3A — Bit[4] ENGINE_BUSY
–
A status bit which indicates that a program execution engine is clearing internal registers. Serial bus
master should not write or read program memory or registers 00h, 01h, 37h to 39h or 4Ch to 4Eh, when
this bit is set to '1'.
–
1 = at least one of the engines is clearing internal registers
–
0 = engine ready
•
3A — Bit [3] EXT_CLK_USED
–
1 = external clock bit is set
–
0 = external clock bit is not set
–
This bit is high when external clock signal on CLK pin is set from register. Does not detect automatically
the external clock, only the bit selection from register 36h.
•
3A — Bits [2:0] ENG1_INT, ENG2_INT, ENG3_INT
–
1 = interrupt set
–
0 = interrupt not set/clear
–
Interrupt bits for program execution engine 1, 2 and 3, respectively. These bits are set by END instruction.
Reading the interrupt bit clears the interrupt.
3B GPO
•
LP8501 has one General Purpose Output pin (GPO). Status of the pin can be controlled with this register.
Also, INT pin can be configured to function as a GPO by setting the bit INT_CONF. When INT is configured
to function as a GPO, output level is defined by the VDD voltage.
•
3B — Bit [2] INT_CONF
–
1 = INT pin is set to function as an interrupt pin (default).
–
0 = INT pin is configured to function as a GPO.
•
3B — Bit [1] GPO
–
0 =GPO pin state is low.
–
1 = GPO pin state is high.
–
GPO pins are digital CMOS outputs, and no pull-up/down resistors are needed.
•
3B — Bit [0] GPO_INT
–
0 = INT pin state is low (if INT_CONF = 1).
–
1 = INT pin state is high (if INT_CONF = 1).
–
When INT pin’s GPO function is disabled, it operates as an open drain pin. INT signal is active low, i.e.
when interrupt signal is send, the pin is pulled to GND. External pull-up resistor is needed for proper
functionality.
3D RESET
40
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com