Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501TMX/NOPB Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501TMX/NOPB
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501TMX/NOPB Datasheet(HTML) 41 Page - Texas Instruments

Back Button LP8501TMX/NOPB Datasheet HTML 37Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 38Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 39Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 40Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 41Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 42Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 43Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 44Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
LP8501
www.ti.com
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
•
3D — Bits [7:0] RESET
–
Writing 11111111 into this register resets the LP8501. Internal registers are reset to the default values.
Reading RESET register returns 00000000.
41 LED TEST CONTROL
•
LED test control register
•
41 — Bit [7] EN_LEDTEST_ADC
–
Writing this bit high (1) starts single LED test conversation. LED test measurement cycle is 2.7
milliseconds.
•
41 — Bit [6] EN_LEDTEST_INT
–
1 = interrupt signal will be send to the INT pin when the LED test is accomplished.
–
0 = no interrupt signal will be send to the INT pin when the LED test is accomplished.
–
Interrupt can be cleared by reading STATUS/INTERRUPT register 3Ah.
•
41 — Bit [5] CONTINUOUS_CONV
–
1 = Continuous LED test measurement. Not active in powersave mode.
–
0 = Continuous conversion is disabled.
•
41 — Bits [4:0] LED__TEST_CTRL
–
These bits are used for choosing the LED driver output to be measured. VDD, INT-pin and charge-pump
output voltage can also be measured.
LED_TEST_CTRL bits
Measurement
00000
D1
00001
D2
00010
D3
00011
D4
00100
D5
00101
D6
00110
D7
000111
D8
01000
D9
01001 to 01110
Reserved
01111
VOUT
10000
VDD
10001
INT-pin voltage
10010
VDD1_6
10011
VDD7_9
10010 to 11111
N/A
42 LED TEST ADC
•
42 — Bits [7:0} LED_TEST_ADC
–
This is used to store the LED test result. Read-only register. LED test ADC least significant bit
corresponds to 30 mV. The measured voltage V (typ.) is calculated as follows: V = (RESULT(DEC) x 0.03
-1.478 V. For example, if the result is 10100110 = 166(DEC), the measured voltage is 3.50V (typ.). See
Figure 30 below.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com