Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138128APFCR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 2 Page - Texas Instruments

  UCD3138128APFCR Datasheet HTML 1Page - Texas Instruments UCD3138128APFCR Datasheet HTML 2Page - Texas Instruments UCD3138128APFCR Datasheet HTML 3Page - Texas Instruments UCD3138128APFCR Datasheet HTML 4Page - Texas Instruments UCD3138128APFCR Datasheet HTML 5Page - Texas Instruments UCD3138128APFCR Datasheet HTML 6Page - Texas Instruments UCD3138128APFCR Datasheet HTML 7Page - Texas Instruments UCD3138128APFCR Datasheet HTML 8Page - Texas Instruments UCD3138128APFCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
UCD3138128A
Best in Class Firmware
Development Tools
Advanced Configuration &
Debug Tools
Advanced Topology Control
+ Forward, Flyback,
Half-bridge, etc...
Q1
Q3
Q2
Q4
VIN
n1
LM
n2
n2
SR2
SR1
L0
C0
Q1
CR
LM
LK
Q2
VIN
Transformer
CO
Q4
Q3
LR
esr
Copyright © 2016, Texas Instruments Incorporated
2
UCD3138128A
SLUSC99 – JULY 2016
www.ti.com
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
2 Applications
•
Power Supplies and Telecom Rectifiers
•
Power Factor Correction
•
Isolated DC-DC Modules
•
Phase Shifted Full Bridge with Peak Current Mode
Control, LLC, HSFB, Forward
Typical Applications and Tools
3 Description
The UCD3138xA is a digital power supply controller from Texas Instruments offering superior levels of integration
and performance in a single chip solution. The UCD3138128A offers 128 kB of program flash memory in
comparison to 32 kB in UCD3138A. and it also provides additional options for communication such as SPI and a
second I2C/PMBus port. The availability of of program Flash memory in multiple 32 kB banks enables designers
to implement dual images of firmware (that is, one main image + one back-up image) in the device and provides
the option to execute from either of the banks using appropriate algorithms. It also creates the unique opportunity
for the processor to load a new program and subsequently execute that program without interrupting power
delivery. This feature allows the end user to add new features to the power supply in the field while eliminating
any down-time required to load the new program.
The flexible nature of the UCD3138xA family makes it suitable for a wide variety of power conversion
applications. In addition, multiple peripherals inside the device have been specifically optimized to enhance the
performance of AC/DC and isolated DC/DC applications and reduce the solution component count in the IT and
network infrastructure space. The UCD3138xA family is a fully programmable solution offering customers
complete control of their application, along with ample flexibility for many solutions. At the same time, TI is
committed to simplifying our customer’s development effort through offering best in class development tools,
including application firmware, Code Composer StudioTM software development environment, and TI’s Fusion
Power Development GUI which enables customers to configure and monitor key system parameters.
At the core of the controller are the Digital Power Peripherals (DPP). Each DPP implements a high speed digital
control loop consisting of a dedicated Error Analog to Digital Converter (EADC), a PID based 2 pole - 2 zero
digital compensator and DPWM outputs with 250 ps pulse width resolution. The device also contains a 12-bit,
539 ksps general purpose ADC with up to 15 channels, timers, interrupt control, PMBus, I2C, SPI and UART
communications ports. The device is based on a 32-bit ARM7TDMI-S RISC microcontroller that performs real-
time monitoring, configures peripherals and manages communications. The ARM microcontroller executes its
program out of programmable flash memory as well as on chip RAM and ROM.
In addition to the DPP, specific power management peripherals have been added to enable high efficiency
across the entire operating range, high integration for increased power density, reliability, and lowest overall
system cost and high flexibility with support for the widest number of control schemes and topologies. Such
peripherals include: light load burst mode, synchronous rectification, LLC and phase shifted full bridge mode
switching, input voltage feed forward, copper trace current sense, ideal diode emulation, constant current
constant power control, synchronous rectification soft on and off, peak current mode control, flux balancing,
secondary side input voltage sensing, high resolution current sharing, hardware configurable soft start with pre
bias, as well as several other features. Topology support has been optimized for voltage mode and peak current
mode controlled phase shifted full bridge, single and dual phase PFC, bridgeless PFC, hard switched full bridge
and half bridge, active clamp forward converter, two switch forward converter and LLC half bridge and full bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com