Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138128APFCR Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 49 Page - Texas Instruments

Back Button UCD3138128APFCR Datasheet HTML 45Page - Texas Instruments UCD3138128APFCR Datasheet HTML 46Page - Texas Instruments UCD3138128APFCR Datasheet HTML 47Page - Texas Instruments UCD3138128APFCR Datasheet HTML 48Page - Texas Instruments UCD3138128APFCR Datasheet HTML 49Page - Texas Instruments UCD3138128APFCR Datasheet HTML 50Page - Texas Instruments UCD3138128APFCR Datasheet HTML 51Page - Texas Instruments UCD3138128APFCR Datasheet HTML 52Page - Texas Instruments UCD3138128APFCR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
ADC 12
Temperature
Calibration
Temperature
Sensor
CH15
49
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
BIT
PIN_NAME
PIN NUMBER
UCD3138xA
21
SCI_RX1
38
20
SCI_RX0
36
19
TCAP0
49
18
PWM1
40
17
PWM0
39
16
TCAP1
13
15
I2C_DATA
20
14
PMBUS_CTRL
18
13
PMBUS_ALERT
17
12
EXT_INT
42
11
FAULT2
54
10
FAULT1
44
9
FAULT0
43
8
SYNC
34
7
DPWM3B
29
6
DPWM3A
28
5
DPWM2B
27
4
DPWM2A
26
3
DPWM1B
25
2
DPWM1A
24
1
DPWM0B
23
0
DPWM0A
22
9.3.15 Temperature Sensor Control
Temperature sensor control register provides internal temperature sensor enabling and trimming capabilities. The
internal temperature sensor is disabled by default.
Figure 33. Internal Temp Sensor
Temperature sensor is calibrated at room temperature (25 °C) via a calibration register value.
The temperature sensor is measured using ADC12 (via Ch15). The temperature is then calculated using a
mathematical formula involving the calibration register (this effectively adds a delta to the ADC measurement).
The temperature sensor can be enabled or disabled.
9.3.16 I/O Mux Control
I/O Mux Control register may be used in order to choose a single specific functionality that is desired to be
assigned to a physical device pin for your application. See the UCD3138xA programmer's manual for details on
the available configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com