Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138128APFCR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCD3138128APFCR Datasheet HTML 17Page - Texas Instruments UCD3138128APFCR Datasheet HTML 18Page - Texas Instruments UCD3138128APFCR Datasheet HTML 19Page - Texas Instruments UCD3138128APFCR Datasheet HTML 20Page - Texas Instruments UCD3138128APFCR Datasheet HTML 21Page - Texas Instruments UCD3138128APFCR Datasheet HTML 22Page - Texas Instruments UCD3138128APFCR Datasheet HTML 23Page - Texas Instruments UCD3138128APFCR Datasheet HTML 24Page - Texas Instruments UCD3138128APFCR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
21
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Overview (continued)
For run time data storage and scratchpad memory, a 8 kB RAM is available. The RAM is organized as a 2 k x 32
bit array.
The availability of 128 kB of program Flash memory in 4-32 kB banks, respectively enables the designers to
implement multiple images of firmware (e.g. one main image + one back-up image) in the device and the
flexibility to execute from either of the banks using appropriate algorithms. It also creates the unique opportunity
for the processor to load a new program and subsequently execute that program without interrupting power
delivery. This feature allows the end user to add new features to the power supply while eliminating any down-
time required to load the new program.
On the UCD3138128A, the boot ROM supports a dual image configuration where each image contains 64 kB. If
the first 64kB has an invalid program, the boot ROM will check for a valid program in the second 64kB and jump
there. The boot ROM also supports a configuration with a single program occupying the entire 128 kB.
For the UCD3138128A, on the fly updates are supported through boot ROM. Detailed procedures can be found
in SLUUB54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com