Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138128APFCR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 12 Page - Texas Instruments

Back Button UCD3138128APFCR Datasheet HTML 8Page - Texas Instruments UCD3138128APFCR Datasheet HTML 9Page - Texas Instruments UCD3138128APFCR Datasheet HTML 10Page - Texas Instruments UCD3138128APFCR Datasheet HTML 11Page - Texas Instruments UCD3138128APFCR Datasheet HTML 12Page - Texas Instruments UCD3138128APFCR Datasheet HTML 13Page - Texas Instruments UCD3138128APFCR Datasheet HTML 14Page - Texas Instruments UCD3138128APFCR Datasheet HTML 15Page - Texas Instruments UCD3138128APFCR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
12
UCD3138128A
SLUSC99 – JULY 2016
www.ti.com
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
V33A = V33D = V33DIO = 3 V to 3.6 V; 1 μF from BP18 to DGND, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
RSHARE
Current share resistor (See Figure 34)
9.6
10.4
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com