Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138128APFCR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD3138128APFCR Datasheet HTML 3Page - Texas Instruments UCD3138128APFCR Datasheet HTML 4Page - Texas Instruments UCD3138128APFCR Datasheet HTML 5Page - Texas Instruments UCD3138128APFCR Datasheet HTML 6Page - Texas Instruments UCD3138128APFCR Datasheet HTML 7Page - Texas Instruments UCD3138128APFCR Datasheet HTML 8Page - Texas Instruments UCD3138128APFCR Datasheet HTML 9Page - Texas Instruments UCD3138128APFCR Datasheet HTML 10Page - Texas Instruments UCD3138128APFCR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
AD13
AD12
AD10
AD07
AD06
AD04
AD03
V33DIO
DGND
/RESET
PWM2
PWM3
TCAP1/TCAP0
ADC_EXT_TRIG
PMBUS_CLK
PMBUS_ALERT
PMBUS_CTRL
I2C_CLK
I2C_DATA
PMBUS_DATA
DGND
V33D
BP18
V33DIO
DGND
FAULT3
FAULT2
SPI_MISO
SPI_MOSI
SPI_CLK
SPI_CS
TCAP0/TCAP1
TMS
TDI/TCAP0/TCAP1
TDO/TCAP0/TCAP1
FAULT1
FAULT0
EXT_INT
DGND
TCK/RTC_IN/XTAL_CLK_OUT
7
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
PFC Package
80 Pins (TQFP)
Top View
Additional pin functionality is specified in the following table.
Pin Functions
PIN
NAME
PRIMARY ASSIGNMENT
ALTERNATE ASSIGNMENT
CONFIGURABLE
AS A GPIO?
NO. 1
NO. 2
1
AD13
12-bit ADC, Ch 13, comparator E, I-share
DAC output
2
AD12
12-bit ADC, Ch 12
3
AD10
12-bit ADC, Ch 10
4
AD07
12-bit ADC, Ch 7, Connected to comparator F and reference to
comparator G
DAC output
5
AD06
12-bit ADC, Ch 6, Connected to comparator F
DAC output
6
AD04
12-bit ADC, Ch 4, Connected to comparator D
DAC output
7
AD03
12-bit ADC, Ch 3, Connected to comparator B and C
8
V33DIO
Digital I/O 3.3V core supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com