Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138128APFCR Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 44 Page - Texas Instruments

Back Button UCD3138128APFCR Datasheet HTML 40Page - Texas Instruments UCD3138128APFCR Datasheet HTML 41Page - Texas Instruments UCD3138128APFCR Datasheet HTML 42Page - Texas Instruments UCD3138128APFCR Datasheet HTML 43Page - Texas Instruments UCD3138128APFCR Datasheet HTML 44Page - Texas Instruments UCD3138128APFCR Datasheet HTML 45Page - Texas Instruments UCD3138128APFCR Datasheet HTML 46Page - Texas Instruments UCD3138128APFCR Datasheet HTML 47Page - Texas Instruments UCD3138128APFCR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 83 page
background image
tCSS
tWH
tWL
tCSH
tSU
tH
VALID IN
VALID OUT
SCS
SCK
MISO
MOSI
tV
tHO
PSCK
Period SCK
2 ICLK
tWH
SCK High Time
1/2 PSCK
tWL
SCK Low Time
1/2 PSCK
tSU
Data in setup
2 ns (typical)
tH
Data in hold
4 ns (typical)
tV
Ouput Valid
4 ns (typical)
tHO
Ouput Data Hold
2 ns (typical)
tCSS
Chip Select Setup
1 PSCK
tCSH
Chip Select Hold
1 PSCK
44
UCD3138128A
SLUSC99 – JULY 2016
www.ti.com
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Figure 31. SPI Timing Diagram
9.3.7.4 JTAG Standard Interface
The UCD31xx family provides an On-Chip Scan-Base Emulation Logic, IEEE standard 1149.1 JTAG interface
which requires four signals for debugging and flash programming purposes. The JTAG pins are shared with other
function specific or general purpose I/O. The IOMUX register controls the JTAG pin sharing mechanism. The Pin
Functions table in Pin Configuration and Functions lists the JTAG pin requirements. For further details on
interfacing to development tools and device programmers, see the UCD31xx Technical reference Manual
(SLUSAP2).
9.3.8 Real Time Clock
The UCD3138xA has an internal real time clock (RTC) function that can track time in seconds, minutes, hours
and days. This function requires an external precision 10 MHz clock.
•
Firmware writable time/day register which tracks the total number of days.
–
The day counter will be able to count 4 years worth of days.
–
Years and months and leap year calculation must be calculated in firmware.
•
Firmware programmable frequency correction of ±200 ppm in 0.8 ppm steps
•
The RTC function can provide interrupts to the IRQ or FIQ at 1, 10, 30, and 60 second intervals.
•
The clock from the RTC driver can be driven to an external pin through an internal multiplexor
•
The clock for the RTC function can come from an external clock through a dedicated GPIO pin.
9.3.9 External Crystal Interface
The UCD3138128A supports a 10-MHz external crystal. The external crystal can be used for the Real Time
Clock or synthesized to be the system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com