Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138128APFCR Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 67 Page - Texas Instruments

Back Button UCD3138128APFCR Datasheet HTML 63Page - Texas Instruments UCD3138128APFCR Datasheet HTML 64Page - Texas Instruments UCD3138128APFCR Datasheet HTML 65Page - Texas Instruments UCD3138128APFCR Datasheet HTML 66Page - Texas Instruments UCD3138128APFCR Datasheet HTML 67Page - Texas Instruments UCD3138128APFCR Datasheet HTML 68Page - Texas Instruments UCD3138128APFCR Datasheet HTML 69Page - Texas Instruments UCD3138128APFCR Datasheet HTML 70Page - Texas Instruments UCD3138128APFCR Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 83 page
background image
3 A – QB 1
( DPWM1 C)
3 B – QT1
( DPWM 2 C)
Controlled by DPWM 1 Blanking register
Blank B Begin
Blank B End
Period Start
Period End
Event 5
Event 6
Event 5
Event 6
Event 6
Controlled by DPWM 2 Blanking register
Blank B Begin
Blank B End
67
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
These signals are actually routed to pins DPWM3A and 3B using the Intra Mux with these statements:
Dpwm3Regs.DPWMCTRL0.bit.PWM_A_INTRA_MUX = 7; // Send DPWM1C
Dpwm3Regs.DPWMCTRL0.bit.PWM_B_INTRA_MUX = 8; // Send DPWM2C
Since these signals are really being used as events in the timer, the #defines are called EV5 and EV6. Here are
the statements which initialize them:
// Setup waveform for DPWM-C (re-using blanking B regs)
Dpwm2Regs.DPWMBLKBBEG.all = PWM2_EV5 + (4 x 16);
Dpwm2Regs.DPWMBLKBEND.all = PWM2_EV6;
Figure 45. Blank B Timing Information
The statements for DPWM1 are the same. Remember that DPWMC reuses the Blank B registers for timing
information.
10.2.2.5 Dynamic Signals to Bridge
DPWM0 and 1 are set at normal mode. PCMC triggering signal (fault) chops DPWM0A and 1A cycle by cycle.
The corresponding DPWM0B and 1B are used for synchronous rectifier MOSFET control. The same PCMC
triggering signal is applied to DPWM2 and DPWM3. Both of these are set to normal mode as well. DPWM2 and
3 are chopped and their edges are used to generate the next two dynamic signals to the bridge. They are
generated using the Edge Generator Module in DPWM2. The Edge Generator sources are DPWM2 and
DPWM3. The edges used are:
DPWM2A turned on by a rising edge on DPWM2BF
DPWM2A turned off by a falling edge on DPWM3AF
DPWM2B turned on by a rising edge on DPWM3BF
DPWM2B turned off by a falling edge on DPWM2AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com