Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138128APFCR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 5 Page - Texas Instruments

  UCD3138128APFCR Datasheet HTML 1Page - Texas Instruments UCD3138128APFCR Datasheet HTML 2Page - Texas Instruments UCD3138128APFCR Datasheet HTML 3Page - Texas Instruments UCD3138128APFCR Datasheet HTML 4Page - Texas Instruments UCD3138128APFCR Datasheet HTML 5Page - Texas Instruments UCD3138128APFCR Datasheet HTML 6Page - Texas Instruments UCD3138128APFCR Datasheet HTML 7Page - Texas Instruments UCD3138128APFCR Datasheet HTML 8Page - Texas Instruments UCD3138128APFCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 83 page
background image
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
5
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Represents an alternate pin out that is programmable via firmware.
5 Device Comparison
Table 1. Product Family Comparison
UCD
Feature
3138
3138A
RHA/RMH
3138064
3138064A
RMH
3138
3138A
RGC
3138064
3138064A
RGC
3138064
RGZ
3138128
3138128A
PFC
3138A64
PFC
Package Offering
40 Pin QFN
(6mm x 6mm)
40 Pin QFN
(6mm x 6mm)
64 Pin QFN
( 9mm x 9mm)
64 Pin QFN
(9mm x 9mm)
48 Pin QFN
(7mm x 7mm)
80 Pin QFP
(14mm x 14mm)
(Includes leads)
80 Pin QFP
(14mm x 14mm)
(Includes leads)
ARM7TDMI-S Core Processor
31.25 MHz
31.25 MHz
31.25 MHz
31.25 MHz
31.25 MHz
31.25 MHz
31.25 MHz
High Resolution DPWM Outputs (250ps Resolution)
8
8
8
8
8
8
8
Number of High Speed Independent Feedback Loops
(# Regulated Output Voltages
3
3
3
3
3
3
3
12-bit, 256kps, General Purpose ADC Channels
7
7
14
14
9
15
15
Digital Comparators at ADC Outputs
4
4
4
4
4
4
4
Flash Memory (Program)
32 kB
64 kB
32 kB
64 kB
64 kB
128 kB
64 kB
Number of Memory 32kB Flash Memory Banks
1
2
1
2
2
4
Only 1 bank of 64 kB
Flash available
Flash Memory (Data)
2 kB
2 kB
2 kB
2 kB
2 kB
2 kB
2 kB
RAM
4 kB
4 kB
4 kB
4 kB
4 kB
8 kB
8 kB
Programmable Fault Inputs
1 + 2
(1)
1 + 2
(1)
4
2 + 2
(1)
1 + 2
(1)
4
4
High Speed Analog Comparators with Cycle-by-Cycle
Current Limiting
6
6
7
7
6
7
7
UART (SCI)
1
(1)
1
(1)
2
2
2
2
2
PMBus/I
2C
1
1
1
1
1
1
1
Additional I
2C
0
0
0
1
(1)
1
(1)
1
1
SPI
0
0
0
1
(1)
1
(1)
1
1
Timers
4 (16 bit) and
1 (24 bit)
4 (16 bit) and
1 (24 bit)
4 (16 bit) and
1 (24 bit)
4 (16 bit) and
1 (24 bit)
4 (16 bit) and
1 (24 bit)
4 (16 bit) and
2 (24 bit)
4 (16 bit) and
2 (24 bit)
Timer PWM Outputs
1
(1)
1
(1)
2
2
1
(1)
4
4
Timer Capture Inputs
2
(1)
2
(1)
1 + 3
(1)
1 + 3
(1)
2
(1)
2 + 2
(1)
2 + 2
(1)
Total Digital GPIOs
18
18
30
30
24
43
43
External Interrupts
0
0
1
1
0
1
1
External Crystal Clock Support
no
no
no
no
no
Yes (pins #61, 62)
Yes (pins #61, 62)
Peak Current Mode Control
EADC2 Only
All EADC channels
EADC Only
All EADC channels
All EADC Channels
All EADC Channels
All EADC Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com