Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 158 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 158 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 154Page - Texas Instruments TMS320DM647 Datasheet HTML 155Page - Texas Instruments TMS320DM647 Datasheet HTML 156Page - Texas Instruments TMS320DM647 Datasheet HTML 157Page - Texas Instruments TMS320DM647 Datasheet HTML 158Page - Texas Instruments TMS320DM647 Datasheet HTML 159Page - Texas Instruments TMS320DM647 Datasheet HTML 160Page - Texas Instruments TMS320DM647 Datasheet HTML 161Page - Texas Instruments TMS320DM647 Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 6-73. McASP Control Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x0204 021A
XBUF8
Transmit Buffer for Serializer 8
0x0204 0220
XBUF9
Transmit Buffer for Serializer 9
0x0204 0224-0x0204 027C
-
Reserved
0x0204 0280
RBUF0
Receive Buffer for Serializer 0
0x0204 0284
RBUF1
Receive Buffer for Serializer 1
0x0204 0288
RBUF2
Receive Buffer for Serializer 2
0x0204 028C
RBUF3
Receive Buffer for Serializer 3
0x0204 0290
RBUF4
Receive Buffer for Serializer 4
0x0204 0294
RBUF5
Receive Buffer for Serializer 5
0x0204 0298
RBUF6
Receive Buffer for Serializer 6
0x0204 029C
RBUF7
Receive Buffer for Serializer 7
0x0204 02A0
RBUF8
Receive Buffer for Serializer 8
0x0204 02A4
RBUF9
Receive Buffer for Serializer 9
0x0204 02A8-0x0204 3FFF
-
Reserved
Table 6-74. McASP Data Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
(Used when RSEL or XSEL bits = 0
McASP receive buffers or McASP transmit
0204 4000 - 0204 43FF
RBUF/XBUF
[these bits are located in the RFMT or
buffers via the Peripheral Data Bus.
XFMT registers, respectively].)
6.18.1.3 McASP Electrical Data/Timing
6.18.1.3.1 Multichannel Audio Serial Port (McASP) Timing
Table 6-75. Timing Requirements for McASP (see Figure 6-49 and Figure 6-50)(1)
720, 800, 900,
1100
NO.
UNIT
MIN
MAX
1
tc(AHCKRX)
Cycle time, AHCLKR/X
20
ns
2
tw(AHCKRX)
Pulse duration, AHCLKR/X high or low
10
ns
3
tc(CKRX)
Cycle time, ACLKR/X
ACLKR/X ext
33
ns
4
tw(CKRX)
Pulse duration, ACLKR/X high or low
ACLKR/X ext
16.5
ns
ACLKR/X int
5
ns
5
tsu(FRX-CKRX)
Setup time, AFSR/X input valid before ACLKR/X latches data
ACLKR/X ext
5
ns
ACLKR/X int
5
ns
6
th(CKRX-FRX)
Hold time, AFSR/X input valid after ACLKR/X latches data
ACLKR/X ext
12.08
ns
ACLKR/X int
5
ns
7
tsu(AXR-CKRX)
Setup time, AXR input valid before ACLKR/X latches data
ACLKR/X ext
5
ns
ACLKR/X int
5
ns
8
th(CKRX-AXR)
Hold time, AXR input valid after ACLKR/X latches data
ACLKR/X ext
7.35
ns
(1)
ACLKX internal: ACLKXCTL.CLKXM=1, PDIR.ACLKX = 1
ACLKX external input: ACLKXCTL.CLKXM=0, PDIR.ACLKX=0
ACLKX external output: ACLKXCTL.CLKXM=0, PDIR.ACLKX=1
ACLKR internal: ACLKRCTL.CLKRM=1, PDIR.ACLKR = 1
ACLKR external input: ACLKRCTL.CLKRM=0, PDIR.ACLKR=0
ACLKR external output: ACLKRCTL.CLKRM=0, PDIR.ACLKR=1
158
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com