Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 95 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 91Page - Texas Instruments TMS320DM647 Datasheet HTML 92Page - Texas Instruments TMS320DM647 Datasheet HTML 93Page - Texas Instruments TMS320DM647 Datasheet HTML 94Page - Texas Instruments TMS320DM647 Datasheet HTML 95Page - Texas Instruments TMS320DM647 Datasheet HTML 96Page - Texas Instruments TMS320DM647 Datasheet HTML 97Page - Texas Instruments TMS320DM647 Datasheet HTML 98Page - Texas Instruments TMS320DM647 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
Table 6-24. Timing Requirements for Reset(1) (2) (see Figure 6-10) (continued)
720, 800, 900, 1100
NO.
UNIT
MIN
MAX
Hold time, boot mode and configuration pins valid after POR high or RESET
8
th(boot)
6P
ns
high (4)
Table 6-25. Switching Characteristics Over Recommended Operating Conditions During Reset(1)
(see Figure 6-10)
720, 800, 900, 1100
NO.
PARAMETER
UNIT
MIN
MAX
9
td(PORH-RSTATH)
Delay time, POR high AND RESET high to RESETSTAT high
1500C
ns
(1)
C = 1/CLKIN1 clock frequency in ns.
•
Z group consists of: all I/O/Z and O/Z pins, except for Low and High group pins. Pins become high
impedance as soon as their respective power supply has reached normal operating conditions. Pins
remain in high impedance until configured otherwise by their respective peripherals.
•
Low group consists of pins that become low as soon as their respective power supply has reached
normal operating conditions. Pins remain low until configured otherwise by their respective peripheral.
•
High group consists of pins that become high as soon as their respective power supply has reached
normal operating conditions. Pins remain high until configured otherwise by their respective peripheral.
•
All peripherals must be enabled through software following a power-on reset; for more details, see
Section 6.7.1, Power-on Reset.
•
For power-supply sequence requirements, see Section 6.3.1.
A.
RESET should be used only after the device has been powered up. For more details on the use of the RESET pin,
see Section 6.7, Reset Controller.
B.
A reset signal is generated internally during a Warm Reset. This internal reset signal has the same effect as the
RESET pin during a Warm Reset.
C.
Boot and Device Configuration Inputs (during reset) include AEA[22:11], and UHPIEN.
Figure 6-10. Warm Reset and Max Reset Timing
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
95
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com