Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 21Page - Texas Instruments TMS320DM647 Datasheet HTML 22Page - Texas Instruments TMS320DM647 Datasheet HTML 23Page - Texas Instruments TMS320DM647 Datasheet HTML 24Page - Texas Instruments TMS320DM647 Datasheet HTML 25Page - Texas Instruments TMS320DM647 Datasheet HTML 26Page - Texas Instruments TMS320DM647 Datasheet HTML 27Page - Texas Instruments TMS320DM647 Datasheet HTML 28Page - Texas Instruments TMS320DM647 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
Table 2-4. Terminal Functions (continued)
TERMINAL NAME
NO
TYPE(
INTERNAL
OPER
DESCRIPTION
1)
PULLUP/
VOLT
PULLDOWN
MDIO
U8
I/O/Z
IPU
3.3 V
MDIO Serial Data (MDIO)
SPI or UART
SPICLK
F22
I/O/Z
IPU
3.3 V
SPI Clock Output
SPICS1/UARTTX
D23
I/O/Z
IPU
3.3 V
SPI Chip Select 1 or UART Transmit (O/Z)
SPICS2/UARTRX
F23
I/O/Z
IPU
3.3 V
SPI Chip Select 2 or UART Receive
SPIDI/UARTRTS
G23
I/O/Z
IPU
3.3 V
SPI Data input or UART Ready to send (O/Z)
SPIDO/UARTCTS
F21
I/O/Z
IPU
3.3 V
SPI Data Output or UART Clear to send
TIMER 0/1 or GPIO[8:11]
T0INP12/GP08
E20
I/O/Z
IPD
3.3 V
Timer 0 input pin for lower 32-bit counter (I) or GPIO 8
T0OUT12/GP09
D21
I/O/Z
IPD
3.3 V
Timer 0 output pin for lower 32-bit counter (O/Z) or GPIO 9
T1INPL/GP10
E21
I/O/Z
IPD
3.3 V
Timer 1 input pin for lower 32-bit counter (I) or GPIO 10
T1OUT12/GP11
C22
I/O/Z
IPD
3.3 V
Timer 1 output pin for lower 32-bit counter(O/Z) or GPIO 11
McASP OR VIDEO PORT OR VIC
AHCLKR
AC4
I/O/Z
IPD
3.3 V
McASP Receive high-frequency master clock
AHCLKX
AC3
I/O/Z
IPD
3.3 V
McASP Transmit high-frequency master clock
ACLKR
AC6
I/O/Z
IPD
3.3 V
McASP Receive master clock
ACLKX
AC7
I/O/Z
IPD
3.3 V
McASP Transmit master clock
AFSR
W6
I/O/Z
IPD
3.3 V
McASP Receive Frame sync or left/right clock (LRCLK)
AFSX
AA7
I/O/Z
IPD
3.3 V
McASP Transmit Frame sync or left/right clock (LRCLK)
AXR0
AB6
I/O/Z
IPD
3.3 V
McASP Data Pin [0:7]
AXR1
Y6
IPD
3.3 V
AXR2
AA6
IPD
3.3 V
AXR3
AB4
IPD
3.3 V
AXR4
Y5
IPD
3.3 V
AXR5
V7
IPD
3.3 V
AXR6
AA4
IPD
3.3 V
AXR7
V6
IPD
3.3 V
STCLK/AXR8
Y7
I/O/Z
IPD
3.3 V
The STCLK signal drives the hardware counter for use by the
video ports (I) or McASP data pin 8.
VDAC/AXR9
AA5
I/O/Z
IPD
3.3 V
VCXO Interpolated Control Port (VIC) single-bit digital-to-analog
converter (VDAC) output (O) or McASP data pin 9
AMUTEIN
AB3
I/O/Z
IPD
3.3 V
McASP Mute Input
AMUTE
U7
I/O/Z
IPD
3.3 V
McASP Mute Output
VIDEO PORT 0 OR GPIO[12:15]
VP0CLK0
Y23
I
IPU
3.3 V
Video Port 0 Clock 0 (I)
VP0CLK1
V23
I/O/Z
IPU
3.3 V
Video Port 0 Clock 1
VP0CTL0
Y22
I/O/Z
IPU
3.3 V
Video Port 0 Control 0
VP0CTL1
V22
I/O/Z
IPU
3.3 V
Video Port 0 Control 1
VP0CTL2
U23
I/O/Z
IPU
3.3 V
Video Port 0 Control 2
VP0D02
W20
I/O/Z
IPD
3.3 V
Video Port 0 Data 2
VP0D03
V18
I/O/Z
IPD
3.3 V
Video Port 0 Data 3
VP0D04
U18
I/O/Z
IPD
3.3 V
Video Port 0 Data 4
VP0D05
V19
I/O/Z
IPD
3.3 V
Video Port 0 Data 5
VP0D06
W21
I/O/Z
IPD
3.3 V
Video Port 0 Data 6
VP0D07
T18
I/O/Z
IPD
3.3 V
Video Port 0 Data 7
VP0D08
U19
I/O/Z
IPD
3.3 V
Video Port 0 Data 8
Copyright © 2007–2012, Texas Instruments Incorporated
Device Overview
25
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com