Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 23Page - Texas Instruments TMS320DM647 Datasheet HTML 24Page - Texas Instruments TMS320DM647 Datasheet HTML 25Page - Texas Instruments TMS320DM647 Datasheet HTML 26Page - Texas Instruments TMS320DM647 Datasheet HTML 27Page - Texas Instruments TMS320DM647 Datasheet HTML 28Page - Texas Instruments TMS320DM647 Datasheet HTML 29Page - Texas Instruments TMS320DM647 Datasheet HTML 30Page - Texas Instruments TMS320DM647 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
Table 2-4. Terminal Functions (continued)
TERMINAL NAME
NO
TYPE(
INTERNAL
OPER
DESCRIPTION
1)
PULLUP/
VOLT
PULLDOWN
VP2D13/VRXD1
V3
I/O/Z
IPD
3.3 V
Video Port 2 Data 13 or VLYNQ receive data pin [1] (I)
VP2D14/VRXD2
V4
I/O/Z
IPD
3.3 V
Video Port 2 Data 14 or VLYNQ receive data pin [2] (I)
VP2D15/VRXD3
U1
I/O/Z
IPD
3.3 V
Video Port 2 Data 15 or VLYNQ receive data pin [3] (I)
VP2D16/VTXD0
U3
I/O/Z
IPD
3.3 V
Video Port 2 Data 16 or VLYNQ transmit data pin [0] (O)
VP2D17/VTXD1
U2
I/O/Z
IPD
3.3 V
Video Port 2 Data 17 or VLYNQ transmit data pin [1] (O)
VP2D18/VTXD2
U5
I/O/Z
IPD
3.3 V
Video Port 2 Data 18 or VLYNQ transmit data pin [2] (O)
VP2D19/VTXD3
U4
I/O/Z
IPD
3.3 V
Video Port 2 Data 19 or VLYNQ transmit data pin [3] (O)
VIDEO PORT 3 OR EMIFA
VP3CLK0/ AECLKIN
T1
I
IPD
3.3 V
Video Port 3 Clock 0 (I) or EMIFA external input clock (I)
VP3CLK1/
P1
I/O/Z
IPD
3.3 V
Video Port 3 Clock 1 or EMIFA output clock (O/Z)
AECLKOUT
VP3CTL0/
T2
I/O/Z
IPU
3.3 V
Video Port 3 Control 0 or Asynchronous memory write
AAWE/ASWE
enable/Programmable synchronous interface write-enable
VP3CTL1/ AR/W
R1
I/O/Z
IPU
3.3 V
Video Port 3 Control 1 or Asynchronous memory read/write (O/Z)
VP3CTL2/
P2
I/O/Z
IPU
3.3 V
Video Port 3 Control 2 or Asynchronous/Programmable
AAOE/ASOE
synchronous memory output-enable (O/Z)
VP3D02/AED00
T6
I/O/Z
IPU
3.3 V
Video Port 3 Data 2 or EMIFA External Data 0
VP3D03/AED01
T5
I/O/Z
IPU
3.3 V
Video Port 3 Data 3 or EMIFA External Data 1
VP3D04/AED02
T4
I/O/Z
IPU
3.3 V
Video Port 3 Data 4 or EMIFA External Data 2
VP3D05/AED03
T3
I/O/Z
IPU
3.3 V
Video Port 3 Data 5 or EMIFA External Data 3
VP3D06/AED04
R6
I/O/Z
IPU
3.3 V
Video Port 3 Data 6 or EMIFA External Data 4
VP3D07/AED05
R5
I/O/Z
IPU
3.3 V
Video Port 3 Data 7 or EMIFA External Data 5
VP3D08/AED06
R4
I/O/Z
IPU
3.3 V
Video Port 3 Data 8 or EMIFA External Data 6
VP3D09/AED07
R3
I/O/Z
IPU
3.3 V
Video Port 3 Data 9 or EMIFA External Data 7
VP3D12/AED08
R2
I/O/Z
IPU
3.3 V
Video Port 3 Data 12 or EMIFA External Data 8
VP3D13/AED09
P6
I/O/Z
IPU
3.3 V
Video Port 3 Data 13 or EMIFA External Data 9
VP3D14/AED10
P5
I/O/Z
IPU
3.3 V
Video Port 3 Data 14 or EMIFA External Data 10
VP3D15/AED11
P4
I/O/Z
IPU
3.3 V
Video Port 3 Data 15 or EMIFA External Data 11
VP3D16/AED12
P3
I/O/Z
IPU
3.3 V
Video Port 3 Data 16 or EMIFA External Data 12
VP3D17/AED13
N4
I/O/Z
IPU
3.3 V
Video Port 3 Data 17 or EMIFA External Data 13
VP3D18/AED14
N6
I/O/Z
IPU
3.3 V
Video Port 3 Data 18 or EMIFA External Data 14
VP3D19/AED15
N5
I/O/Z
IPU
3.3 V
Video Port 3 Data 19 or EMIFA External Data 15
VIDEO PORT 4 OR EMIFA
VP4CLK0/AARDY
L1
I
IPU
3.3 V
Video Port 4 Clock 0 (I) or Asynchronous memory ready input (I)
VP4CLK1
K1
I/O/Z
IPD
3.3 V
Video Port 4 Clock 1
VP4CTL0/ABA0
J2
I/O/Z
IPD
3.3 V
Video Port 4 Control 0 or EMIFA bank address control (ABA[1:0])
(O/Z). Active-low bank selects for the 16-bit EMIFA. When
interfacing to 16-bit asynchronous devices, ABA1 carries bit 1 of
the byte address. For an 8-bit asynchronous interface, ABA[1:0]
are used to carry bits 1 and 0 of the byte address.
VP4CTL1/ABA1
J1
I/O/Z
IPD
3.3 V
Video Port 4 Control 1 or EMIFA bank address control (ABA[1:0])
(O/Z). Active-low bank selects for the 16-bit EMIFA. WHEN
interfacing to 16-bit asynchronous devices, ABA1 carries bit 1 of
the byte address. For an 8-bit asynchronous interface, ABA[1:0]
are used to carry bits 1 and 0 of the byte address.
Copyright © 2007–2012, Texas Instruments Incorporated
Device Overview
27
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com