Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320DM647 Datasheet HTML 1Page - Texas Instruments TMS320DM647 Datasheet HTML 2Page - Texas Instruments TMS320DM647 Datasheet HTML 3Page - Texas Instruments TMS320DM647 Datasheet HTML 4Page - Texas Instruments TMS320DM647 Datasheet HTML 5Page - Texas Instruments TMS320DM647 Datasheet HTML 6Page - Texas Instruments TMS320DM647 Datasheet HTML 7Page - Texas Instruments TMS320DM647 Datasheet HTML 8Page - Texas Instruments TMS320DM647 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
6.2
Recommended Clock and Control Signal Transition
1
Features
................................................... 1
Behavior
............................................ 59
1.1
Applications
.......................................... 2
6.3
Power Supplies
..................................... 59
1.2
Trademarks
.......................................... 2
6.4
PLL1 Controller
..................................... 65
1.3
Description
........................................... 2
6.5
PLL2 Controller
..................................... 69
1.4
Functional Block Diagram
........................... 4
6.6
Enhanced Direct Memory Access (EDMA3)
Revision History
.............................................. 6
Controller
........................................... 71
2
Device Overview
........................................ 7
6.7
Reset Controller
.................................... 84
2.1
Device Characteristics
............................... 7
6.8
Interrupts
........................................... 96
2.2
CPU (DSP Core) Description
........................ 8
6.9
DDR2 Memory Controller
......................... 100
2.3
C64x+ CPU
......................................... 11
6.10
External Memory Interface A (EMIFA)
............ 111
2.4
Memory Map Summary
............................ 12
6.11
Video Port
......................................... 118
2.5
Pin Assignments
.................................... 16
6.12
VCXO Interpolated Control (VIC)
................. 126
2.6
Terminal Functions
................................. 20
6.13
Universal Asynchronous Receiver/Transmitter
2.7
Device Support
..................................... 34
(UART)
............................................ 128
3
Device Configuration
................................. 38
6.14
Serial Peripheral Interface Port (SPI)
............. 130
3.1
System Module Registers
.......................... 38
6.15
Inter-Integrated Circuit (I2C)
...................... 134
3.2
Bootmode Registers
................................ 39
6.16
Host-Port Interface (HPI) Peripheral
.............. 138
3.3
Pullup/Pulldown Resistors
.......................... 49
6.17
Peripheral Component Interconnect (PCI)
........ 149
4
System Interconnect
.................................. 50
6.18
Multichannel Audio Serial Port (McASP)
.......... 154
4.1
Internal Buses, Bridges, and Switch Fabrics
....... 50
6.19
3-Port Ethernet Switch Subsystem (3PSW)
....... 162
4.2
Data Switch Fabric Connections
................... 50
6.20
Management Data Input/Output (MDIO)
.......... 172
4.3
Configuration Switch Fabric
........................ 52
6.21
Timers
............................................. 173
5
Device Operating Conditions
....................... 54
6.22
VLYNQ Peripheral
................................. 175
5.1
Absolute Maximum Ratings
........................ 54
6.23
General-Purpose Input/Output (GPIO)
............ 178
5.2
Recommended Operating Conditions
.............. 55
6.24
Emulation Features and Capability
............... 180
5.3
Electrical Characteristics
........................... 56
6.25
IEEE 1149.1 JTAG
................................ 181
6
Peripheral Information and Electrical
7
Mechanical Data
...................................... 183
Specifications
.......................................... 57
7.1
Thermal Data for ZUT
............................. 183
6.1
Parameter Information
.............................. 57
7.2
Packaging Information
............................ 184
Copyright © 2007–2012, Texas Instruments Incorporated
Contents
5
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com