Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 87 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 83Page - Texas Instruments TMS320DM647 Datasheet HTML 84Page - Texas Instruments TMS320DM647 Datasheet HTML 85Page - Texas Instruments TMS320DM647 Datasheet HTML 86Page - Texas Instruments TMS320DM647 Datasheet HTML 87Page - Texas Instruments TMS320DM647 Datasheet HTML 88Page - Texas Instruments TMS320DM647 Datasheet HTML 89Page - Texas Instruments TMS320DM647 Datasheet HTML 90Page - Texas Instruments TMS320DM647 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
6.7.7
Reset Controller Register
The reset type status (RSTYPE) register is the only register for the reset controller.
The RSTYPE register latches the cause of the last reset. If multiple reset sources occur simultaneously,
this register latches the highest priority reset source. The reset type status register is shown in Figure 6-9
and described in Table 6-22.
Figure 6-9. Reset Type Status Register (RSTYPE)
31
16
Reserved
R-0
15
4
3
2
1
0
Reserved
SRST
MRST
WRST
POR
R-0
R-0
R-0
R-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-22. Reset Type Status Register (RSTYPE) Field Descriptions
Bit
Field
Value
Description
31:4
Reserved
Reserved. The reserved bit location is always read as 0. A value written to this field has no effect.
3
SRST
System reset
0
System Reset was not the last reset to occur.
1
System Reset was the last reset to occur.
2
MRST
Max reset
0
Max Reset was not the last reset to occur.
1
Max Reset was the last reset to occur.
1
WRST
Warm reset
0
Warm Reset was not the last reset to occur.
1
Warm Reset was the last reset to occur.
0
POR
Power-on reset
0
Power-on Reset was not the last reset to occur.
1
Power-on Reset was the last reset to occur.
6.7.8
Pin Behaviors at Reset
During normal operation, devices pins are controlled by the selected peripheral. During device level global
reset, the pin behaviors are classified into the following Reset Groups:
•
Z Group: These pins are 3-stated when a device-level global reset source (e.g., POR, RESET, or Max
Reset) is asserted. When the reset source is de-asserted, these pins remain 3-stated until configured
otherwise by their respective peripheral (after the peripheral is enabled by the PSC).
•
Z/High Group: These pins are 3-stated when a device-level global reset source (e.g., POR, RESET,
or Max Reset) is asserted. When the reset source is de-asserted, these pins drive a logic High.
•
Z/Low Group: These pins are 3-stated when a device-level global reset source (e.g. POR, RESET, or
Max Reset) is asserted. When the reset source is de-asserted, these pins drive a logic Low.
•
DDR2 Z/High Group: These pins are 3-stated when a device-level global reset source (e.g. POR,
RESET, or Max Reset) is asserted. When the reset source is de-asserted, these pins are Driven High.
•
DDR2 Low/High Group: These pins are driven Low when a device-level global reset source (e.g.
POR, RESET, or Max Reset) is asserted. When the reset source is de-asserted, these pins are Driven
High.
•
DDR2 High/Low Group: These pins are driven High when a device-level global reset source (e.g.
POR, RESET, or Max Reset) is asserted. When the reset source is de-asserted, these pins are Driven
Low.
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
87
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com