Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 94 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 90Page - Texas Instruments TMS320DM647 Datasheet HTML 91Page - Texas Instruments TMS320DM647 Datasheet HTML 92Page - Texas Instruments TMS320DM647 Datasheet HTML 93Page - Texas Instruments TMS320DM647 Datasheet HTML 94Page - Texas Instruments TMS320DM647 Datasheet HTML 95Page - Texas Instruments TMS320DM647 Datasheet HTML 96Page - Texas Instruments TMS320DM647 Datasheet HTML 97Page - Texas Instruments TMS320DM647 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 6-23. Pin Behaviors at Reset (continued)
Pin Name
Reset Group
DDR_RAS
DDR2 High Group
DDR_WE
DDR2 High Group
DDR_A00
DDR2 Low Group
DDR_A01
DDR2 Low Group
DDR_A02
DDR2 Low Group
DDR_A03
DDR2 Low Group
DDR_A04
DDR2 Low Group
DDR_A05
DDR2 Low Group
DDR_A06
DDR2 Low Group
DDR_A07
DDR2 Low Group
DDR_A08
DDR2 Low Group
DDR_A09
DDR2 Low Group
DDR_A10
DDR2 Low Group
DDR_A11
DDR2 Low Group
DDR_A12
DDR2 Low Group
DDR_A13
DDR2 Low Group
DDR_ODT0
DDR2 Low Group
DDR_ODT1
DDR2 Low Group
DDR_CKE
DDR2 Low Group
DDR_DQGATE0
DDR2 Low Group
DDR_DQGATE2
DDR2 Low Group
DDR_BA[0]
DDR2 Low/High Group
DDR_BA[1]
DDR2 Low/High Group
DDR_BA[2]
DDR2 Low/High Group
DDR_CS
DDR2 High/Low Group
DDR_CLKP
Clock
DDR_CLKN
Clock
VP3CLK0/AECLKIN
Clock
RESETSTAT
Reflects POR or RESET value
6.7.9
Reset Electrical Data/Timing
NOTE
If a configuration pin must be routed out from the device, the internal pullup/pulldown
(IPU/IPD) resistor should not be relied upon; TI recommends the use of an external
pullup/pulldown resistor.
Table 6-24. Timing Requirements for Reset(1) (2) (see Figure 6-10)
720, 800, 900, 1100
NO.
UNIT
MIN
MAX
5
tw(POR)
Pulse duration, POR low(3)
256D
ns
6
tw(RESET)
Pulse duration, RESET low
24C
ns
Setup time, boot mode and configuration pins valid before POR high or
7
tsu(boot)
6P
ns
RESET high (4)
(1)
C = 1/CLKIN1 clock frequency in ns
(2)
D = 1/CLKIN2 clock frequency in ns
(3)
If CLKIN2 is not used, tw(POR) must be measured in terms of CLKIN1 cycles; otherwise, use the slower of the CLKIN1,CLKIN2 cycles.
(4)
P = 1/CPU clock frequency in nanoseconds
94
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com