Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 9Page - Texas Instruments TMS320DM647 Datasheet HTML 10Page - Texas Instruments TMS320DM647 Datasheet HTML 11Page - Texas Instruments TMS320DM647 Datasheet HTML 12Page - Texas Instruments TMS320DM647 Datasheet HTML 13Page - Texas Instruments TMS320DM647 Datasheet HTML 14Page - Texas Instruments TMS320DM647 Datasheet HTML 15Page - Texas Instruments TMS320DM647 Datasheet HTML 16Page - Texas Instruments TMS320DM647 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
Table 2-3. Memory Map Summary (continued)
START
END
SIZE
C64x+
ADDRESS
ADDRESS
(Bytes)
MEMORY MAP
0x0204 4000
0x0204 43FF
1K
McASP Data
0x0204 4400
0x0204 47FF
1K
Timer0
0x0204 4800
0x0204 4BFF
1K
Timer1
0x0204 4C00
0x0204 4FFF
1K
Timer2
0x0204 5000
0x0204 53FF
1K
Timer3
0x0204 5400
0x0204 5FFF
3K
Reserved
0x0204 6000
0x0204 6FFF
4K
PSC
0x0204 7000
0x0204 73FF
1K
UART
0x0204 7400
0x0204 77FF
1K
VIC Control
0x0204 7800
0x0204 7BFF
1K
SPI
0x0204 7C00
0x0204 7FFF
1K
I2C Data and Control
0x0204 8000
0x0204 83FF
1K
GPIO
0x0204 8400
0x0204 87FF
1K
PCI Control
0x0204 8800
0x0204 8FFF
2K
Reserved
0x0204 9000
0x0204 9FFF
4K
Chip-Level Registers
0x0204 A000
0x0207 FFFF
216K
Reserved
0x0208 0000
0x0209 FFFF
128K
VICP Configuration
0x020A 0000
0x020D FFFF
256K
Reserved
0x020E 0000
0x020E 01FF
512
PLL Controller 1
0x020E 0200
0x0211 FFFF
256K – 512
Reserved
0x0212 0000
0x0212 01FF
512
PLL Controller 2
0x0212 0200
0x0215 FFFF
256K – 512
Reserved
0x0216 0000
0x029C FFFF
9M - 576K
Reserved
0x02A0 0000
0x02A0 7FFF
32K
EDMA3CC
0x02A0 8000
0x02A1 FFFF
96K
Reserved
0x02A2 0000
0x02A2 7FFF
32K
EDMA3TC0
0x02A2 8000
0x02A2 FFFF
32K
EDMA3TC1
0x02A3 0000
0x02A3 7FFF
32K
EDMA3TC2
0x02A3 8000
0x02A3 FFFF
32K
EDMA3TC3
0x02A4 0000
0x02A7 FFFF
256K
Reserved
0x02A8 0000
0x02A8 04FF
1.25K
Reserved
0x02A8 0500
0x02AB FFFF
256K – 1.25K
Reserved
0x02AC 0000
0x02AD FFFF
128K
Reserved
0x02AE 0000
0x02AF FFFF
128K
Reserved
0x02B0 0000
0x02B0 00FF
256
Reserved
0x02B0 0100
0x02B0 3FFF
16K – 256
Reserved
0x02B0 4000
0x02B0 407F
128
Reserved
0x02B0 4080
0x02B3 FFFF
256K – 128
Reserved
0x02B4 0000
0x02B4 01FF
512
Reserved
0x02B4 0200
0x02B7 FFFF
256K – 512
Reserved
0x02B8 0000
0x02B9 FFFF
128K
Reserved
0x02BA 0000
0x02BB FFFF
128K
Reserved
0x02BC 0000
0x02BF FFFF
256K
Reserved
0x02C0 0000
0x02C0 3FFF
16K
VP0 Control
0x02C0 4000
0x02C0 7FFF
16K
VP1 Control
0x02C0 8000
0x02C0 BFFF
16K
VP2 Control
0x02C0 C000
0x02C0 FFFF
16K
VP3 Control
0x02C1 0000
0x02C1 3FFF
16K
VP4 Control
0x02C1 4000
0x02C3 FFFF
176K
Reserved
0x02C4 0000
0x02C7 FFFF
256K
Reserved
0x02C8 0000
0x02CB FFFF
256K
Reserved
Copyright © 2007–2012, Texas Instruments Incorporated
Device Overview
13
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com