Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 3Page - Texas Instruments TMS320DM647 Datasheet HTML 4Page - Texas Instruments TMS320DM647 Datasheet HTML 5Page - Texas Instruments TMS320DM647 Datasheet HTML 6Page - Texas Instruments TMS320DM647 Datasheet HTML 7Page - Texas Instruments TMS320DM647 Datasheet HTML 8Page - Texas Instruments TMS320DM647 Datasheet HTML 9Page - Texas Instruments TMS320DM647 Datasheet HTML 10Page - Texas Instruments TMS320DM647 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
2
Device Overview
2.1
Device Characteristics
Table 2-1, provides an overview of the DSP. The tables show significant features of the devices, including
the capacity of on-chip RAM, the peripherals, the CPU frequency, and the package type with pin count.
Table 2-1. Characteristics of the Processor
HARDWARE FEATURES
DM647
DM648
DDR2 memory controller (32-bit
1
1
bus width) [1.8 V I/O]
16-bit bus width
synchronous/asynchronous
1
1
EMIF [EMIFA]
EDMA3 (64 independent
1
1
channels, 8 QDMA channels)
4 64-bit General Purpose
4 64-bit General Purpose
Timers
(each configurable as 1 64-bit or 2 32-
(each configurable as 1 64-bit or 2 32-bit)
bit)
UART
(with RTS and CTS flow control)
(with RTS and CTS flow control)
I2C
1 (Master/Slave)
1 (Master/Slave)
Peripherals
Not all peripheral
SPI
1 (4-wire, 2 chip select)
1 (4-wire, 2 chip select)
pins are available
McASP
1 (10 serializers)
1 (10 serializers)
at the same time
3-port Ethernet Switch
(For more detail,
Subsystem supporting
see Section 3.)
10/100/1000 Base-T
1 SGMII port available
2 SGMII ports available
Management data input/output
(MDIO)
VLYNQ
1
1
General-purpose input/output
Up to 32 pins
Up to 32 pins
port (GPIO)
HPI (16/32-bit)
1
1
PCI (32 bit) (33 MHz or 66
1 (PCI33 or PCI66)
1 (PCI33 or PCI66)
MHz)
VIC
1
1
Configurable video ports
5
5
Size (bytes)
320KB RAM, 64KB ROM
576KB RAM, 64KB ROM
32KB L1 program (L1P)/cache (up to
32KB)
32KB L1 program (L1P)/cache (up to 32KB)
32KB L1 data (L1D)/cache (up to
On-Chip Memory
32KB L1 data (L1D)/cache (up to 32KB)
Organization
32KB)
512 KB unified mapped RAM/Cache (L2)
256KB unified mapped RAM/Cache
64KB Boot ROM
(L2)
64KB Boot ROM
Revision ID Register
MegaModule
(MM_REVID[15:0])
0x0003
0x0003
Rev ID
(address location 0x0181 2000)
CPU ID + CPU
Control Status Register
0x1000
0x1000
Rev ID
(CSR.[31:16])
JTAGID register
JTAG BSDL_ID
0x1B77 A02F
0x1B77 A02F
(address location: 0x0204 9018)
CPU Frequency
MHz
720, 900, 1100
720, 800, 900, 1100
1.39 ns (-720)
1.39 ns (-720)
1.25 ns (-800)
Cycle Time
ns
1.11 ns (-900)
1.11 ns (-900)
0.91 ns (-1100)
0.91 ns (-1100)
Core (V)
1.2 V (-720, -900, -1100)
1.2 V (-720, -800, -900, -1100)
Voltage
I/O (V)
1.8 V, 3.3 V
1.8 V, 3.3 V
Copyright © 2007–2012, Texas Instruments Incorporated
Device Overview
7
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com