Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 166 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 166 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 162Page - Texas Instruments TMS320DM647 Datasheet HTML 163Page - Texas Instruments TMS320DM647 Datasheet HTML 164Page - Texas Instruments TMS320DM647 Datasheet HTML 165Page - Texas Instruments TMS320DM647 Datasheet HTML 166Page - Texas Instruments TMS320DM647 Datasheet HTML 167Page - Texas Instruments TMS320DM647 Datasheet HTML 168Page - Texas Instruments TMS320DM647 Datasheet HTML 169Page - Texas Instruments TMS320DM647 Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 6-78. Ethernet Switch Registers (continued)
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x02D0 3044
P1_TX_PRI_MAP
CPSW Port 1 Tx Header Priority to Switch Pri Mapping
Register
0x02D0 3048
GMAC1_GAP_THRESH
CPSW GMAC1 Short Gap Threshold Register
0x02D0 304C
GMAC1_SA_LO
CPSW GMAC1 Source Address Low Register
0x02D0 3050
GMAC1_SA_HI
CPSW GMAC1 Source Address High Register
0x02D0 3054
P2_MAX_BLKS
CPSW Port 2 Maximum FIFO blocks Register
0x02D0 3058
P2_BLK_CNT
CPSW Port 2 FIFO Block Usage Count Register (read only)
0x02D0 305C
P2_FLOW_THRESH
CPSW Port 2 Flow Control Threshold Register
0x02D0 3060
P2_PORT_VLAN
CPSW Port 2 VLAN Register
0x02D0 3064
P2_TX_PRI_MAP
CPSW Port 2 Tx (CPDMA Rx) Header Priority to Switch Pri
Mapping Register
0x02D0 3068
CPDMA_TX_PRI_MAP
CPSW CPDMA Tx (Port 2 Rx) Pkt Priority to Header Priority
Mapping Register
0x02D0 306C
CPDMA_RX_CH_MAP
CPSW CPDMA Rx (Port 2 Tx) Switch Priority to DMA
channel Mapping Register
0x02D0 3070 - 0x02D0 307C
reserved
0x02D0 3080
GMAC0_IDVER
GMAC0 Identification and Version Register
0x02D0 3084
GMAC0_MACCONTROL
GMAC0 Mac Control Register
0x02D0 3088
GMAC0_MACSTATUS
GMAC0 Mac Status Register
0x02D0 308C
GMAC0_SOFT_RESET
GMAC0 Soft Reset Register
0x02D0 3090
GMAC0_RX_MAXLEN
GMAC0 RX Maximum Length Register
0x02D0 3094
GMAC0_BOFFTEST
GMAC0 Backoff Test Register
0x02D0 3098
reserved
0x02D0 309C
reserved
0x02D0 30A0
GMAC0_EMCONTROL
GMAC0 Emulation Control Register
0x02D0 30A4
GMAC0_RX_PRI_MAP
GMAC0 Rx Pkt Priority to Header Priority Mapping Register
0x02D0 30A8 - 0x02D0 30BC
reserved
0x02D0 30C0
GMAC1_IDVER
GMAC1 Identification and Version Register
0x02D0 30C4
GMAC1_MACCONTROL
GMAC1 Mac Control Register
0x02D0 30C8
GMAC1_MACSTATUS
GMAC1 Mac Status Register
0x02D0 30CC
GMAC1_SOFT_RESET
GMAC1 Soft Reset Register
0x02D0 30D0
GMAC1_RX_MAXLEN
GMAC1 RX Maximum Length Register
0x02D0 30D4
GMAC1_BOFFTEST
GMAC1 Backoff Test Register
0x02D0 30D8
reserved
0x02D0 30DC
reserved
0x02D0 30E0
GMAC1_EMCONTROL
GMAC1 Emulation Control Register
0x02D0 30E4
GMAC1_RX_PRI_MAP
GMAC1 Rx Pkt Priority to Header Priority Mapping Register
0x02D0 30E8 - 0x02D0 30FC
reserved
0x02D0 3100
TX_IDVER
CPDMA Tx Identification and Version Register
0x02D0 3104
TX_CONTROL
CPDMA Tx Control Register
0x02D0 3108
TX_TEARDOWN
CPDMA Tx Teardown Register
0x02D0 310C
reserved
0x02D0 3110
RX_IDVER
CPDMA Rx Identification and Version Register
0x02D0 3114
RX_CONTROL
CPDMA Rx Control Register
0x02D0 3118
RX_TEARDOWN
CPDMA Rx Teardown Register
0x02D0 311C
SOFT_RESET
CPDMA Soft Reset Register
0x02D0 3120
DMACONTROL
CPDMA Control Register
0x02D0 3124
DMASTATUS
CPDMA Status Register
166
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com