Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 132 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 132 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 128Page - Texas Instruments TMS320DM647 Datasheet HTML 129Page - Texas Instruments TMS320DM647 Datasheet HTML 130Page - Texas Instruments TMS320DM647 Datasheet HTML 131Page - Texas Instruments TMS320DM647 Datasheet HTML 132Page - Texas Instruments TMS320DM647 Datasheet HTML 133Page - Texas Instruments TMS320DM647 Datasheet HTML 134Page - Texas Instruments TMS320DM647 Datasheet HTML 135Page - Texas Instruments TMS320DM647 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
6.14.3 SPI Electrical Data/Timing
6.14.3.1 Serial Peripheral Interface (SPI) Timing
Table 6-61 assumes testing over recommended operating conditions (see Figure 6-36).
Table 6-61. General Timing Requirements for SPIx Master Modes(1)
NO.
MIN
MAX UNIT
greater of 8P or
1
tc(SPC)M
Cycle Time, SPICLK, All Master Modes
256P
ns
100 ns
2
tw(SPCH)M
Pulse Width High, SPICLK, All Master Modes
greater of 4P or 45 ns
ns
3
tw(SPCL)M
Pulse Width Low, SPICLK, All Master Modes
greater of 4P or 45 ns
ns
Polarity = 0, Phase = 0,
4P
to SPICLK rising
Polarity = 0, Phase = 1,
0.5tc(SPC)M + 4P
Delay, initial data bit valid
to SPICLK rising
4
td(SIMO_SPC)M
on SPIDO to initial edge on
ns
Polarity = 1, Phase = 0,
SPICLK(2)
4P
to SPICLK falling
Polarity = 1, Phase = 1,
0.5tc(SPC)M + 4P
to SPICLK falling
Polarity = 0, Phase = 0,
15
from SPICLK rising
Polarity = 0, Phase = 1,
15
Delay, subsequent bits
from SPICLK falling
5
td(SPC_SIMO)M
valid on SPIDO after
ns
Polarity = 1, Phase = 0,
transmit edge of SPICLK
15
from SPICLK falling
Polarity = 1, Phase = 1,
15
from SPICLK rising
Polarity = 0, Phase = 0,
0.5tc(SPC)M - 10
from SPICLK falling
Polarity = 0, Phase = 1,
Output hold time, SPIDO
0.5tc(SPC)M - 10
from SPICLK rising
valid after
6
toh(SPC_SIMO)M
ns
receive edge of SPICLK,
Polarity = 1, Phase = 0,
0.5tc(SPC)M - 10
except for final bit(3)
from SPICLK rising
Polarity = 1, Phase = 1,
0.5tc(SPC)M - 10
from SPICLK falling
Polarity = 0, Phase = 0,
0.5P + 15
to SPICLK falling
Polarity = 0, Phase = 1,
0.5P + 15
Input Setup Time, SPIDI
to SPICLK rising
7
tsu(SOMI_SPC)M
valid before
ns
Polarity = 1, Phase = 0,
receive edge of SPICLK
0.5P + 15
to SPICLK rising
Polarity = 1, Phase = 1,
0.5P + 15
to SPICLK falling
Polarity = 0, Phase = 0,
0.5P + 5
from SPICLK falling
Polarity = 0, Phase = 1,
0.5P + 5
Input Hold Time, SPIDI
from SPICLK rising
8
tih(SPC_SOMI)M
valid after
ns
Polarity = 1, Phase = 0,
receive edge of SPICLK
0.5P + 5
from SPICLK rising
Polarity = 1, Phase = 1,
0.5P + 5
from SPICLK falling
(1)
P = SYSCLK3 period
(2)
First bit may be MSB or LSB depending upon SPI configuration. MO(0) refers to first bit and MO(n) refers to last bit output on SPIDO.
MI(0) refers to the first bit input and MI(n) refers to the last bit input on SPIDI.
(3)
The final data bit will be held on the SPIDO pin until the SPIDAT1 register is written with new data.
132
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com