Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT7 Datasheet(PDF) 152 Page - Texas Instruments

Part # TMS320DM647CUT7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT7 Datasheet(HTML) 152 Page - Texas Instruments

Back Button TMS320DM647CUT7 Datasheet HTML 148Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 149Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 150Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 151Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 152Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 153Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 154Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 155Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 6-71. PCI Hook Configuration Registers (continued)
DSP ACCESS
ACRONYM
DSP ACCESS REGISTER NAME
HEX ADDRESS RANGE
0x0204 87DC
PCIBAR5PRG
PCI Base Address Register 5 Program Register
0x0204 87E0
PCIBAR0TRLPRG
PCI Base Address Translation Register 0 Program Register
0x0204 87E4
PCIBAR1TRLPRG
PCI Base Address Translation Register 1 Program Register
0x0204 87E8
PCIBAR2TRLPRG
PCI Base Address Translation Register 2 Program Register
0x0204 87EC
PCIBAR3TRLPRG
PCI Base Address Translation Register 3 Program Register
0x0204 87F0
PCIBAR4TRLPRG
PCI Base Address Translation Register 4 Program Register
0x0204 87F4
PCIBAR5TRLPRG
PCI Base Address Translation Register 5 Program Register
0x0204 87F8
PCIBASENPRG
PCI Base En Prog Register
0x0204 87FC - 0x0204 87FF
-
Reserved
Table 6-72. PCI External Memory Space
HEX ADDRESS OFFSET
ACRONYM
REGISTER NAME
0x4000 0000 - 0x407F FFFF
-
PCI Master Window 0
0x4080 0000 - 0x40FF FFFF
-
PCI Master Window 1
0x4100 0000 - 0x417F FFFF
-
PCI Master Window 2
0x4180 0000 - 0x41FF FFFF
-
PCI Master Window 3
0x4200 0000 - 0x427F FFFF
-
PCI Master Window 4
0x4280 0000 - 0x42FF FFFF
-
PCI Master Window 5
0x4300 0000 - 0x437F FFFF
-
PCI Master Window 6
0x4380 0000 - 0x43FF FFFF
-
PCI Master Window 7
0x4400 0000 - 0x447F FFFF
-
PCI Master Window 8
0x4480 0000 - 0x44FF FFFF
-
PCI Master Window 9
0x4500 0000 - 0x457F FFFF
-
PCI Master Window 10
0x4580 0000 - 0x45FF FFFF
-
PCI Master Window 11
0x4600 0000 - 0x467F FFFF
-
PCI Master Window 12
0x4680 0000 - 0x46FF FFFF
-
PCI Master Window 13
0x4700 0000 - 0x477F FFFF
-
PCI Master Window 14
0x4780 0000 - 0x47FF FFFF
-
PCI Master Window 15
0x4800 0000 - 0x487F FFFF
-
PCI Master Window 16
0x4880 0000 - 0x48FF FFFF
-
PCI Master Window 17
0x4900 0000 - 0x497F FFFF
-
PCI Master Window 18
0x4980 0000 - 0x49FF FFFF
-
PCI Master Window 19
0x4A00 0000 - 0x4A7F FFFF
-
PCI Master Window 20
0x4A80 0000 - 0x4AFF FFFF
-
PCI Master Window 21
0x4B00 0000 - 0x4B7F FFFF
-
PCI Master Window 22
0x4B80 0000 - 0x4BFF FFFF
-
PCI Master Window 23
0x4C00 0000 - 0x4C7F FFFF
-
PCI Master Window 24
0x4C80 0000 - 0x4CFF FFFF
-
PCI Master Window 25
0x4D00 0000 - 0x4D7F FFFF
-
PCI Master Window 26
0x4D80 0000 - 0x4DFF FFFF
-
PCI Master Window 27
0x4E00 0000 - 0x4E7F FFFF
-
PCI Master Window 28
0x4E80 0000 - 0x4EFF FFFF
-
PCI Master Window 29
0x4F00 0000 - 0x4F7F FFFF
-
PCI Master Window 30
0x4F80 0000 - 0x4FFF FFFF
-
PCI Master Window 31
152
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com