Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT7 Datasheet(PDF) 62 Page - Texas Instruments

Part # TMS320DM647CUT7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT7 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMS320DM647CUT7 Datasheet HTML 58Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 59Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 60Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 61Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 62Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 63Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 64Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 65Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 6-3. PSC Register Memory Map (continued)
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x0204 6870
MDSTAT28
Module Status 28 Register (VIC)
0x0204 6874
MDSTAT29
Module Status 29 Register (McASP)
0x0204 6878
MDSTAT30
Module Status 30 Register (UART)
0x0204 687C
MDSTAT31
Module Status 31 Register (VICP)
0x0204 6880
–
Reserved
0x0204 6884
MDSTAT33
Module Status 33 Register (C64x+ CPU)
0x0204 6888
MDSTAT34
Module Status 34 Register (Ethernet Subsystem)
0x0204 688C-0x0204 69FF
–
Reserved
0x0204 6A00
MDCTL0
Module Control 0 Register (EDMACC)
0x0204 6A04
–
Reserved
0x0204 6A08
–
Reserved
0x0204 6A0C
–
Reserved
0x0204 6A10
–
Reserved
0x0204 6A14
–
Reserved
0x0204 6A18
–
Reserved
0x0204 6A1C
MDCTL7
Module Control 7 Register (DDR2)
0x0204 6A20
MDCTL8
Module Control 8 Register (HPI)
0x0204 6A24
MDCTL9
Module Control 9 Register (VLYNQ)
0x0204 6A28
MDCTL10
Module Control 10 Register (GPIO)
0x0204 6A2C
MDCTL11
Module Control 11 Register (TIMER 0)
0x0204 6A30
MDCTL12
Module Control 12 Register (TIMER 1)
0x0204 6A34
–
Reserved
0x0204 6A38
–
Reserved
0x0204 6A3C
–
Reserved
0x0204 6A40
–
Reserved
0x0204 6A44
MDCTL17
Module Control 17 Register (SPI)
0x0204 6A48
MDCTL18
Module Control 18 Register (I2C)
0x0204 6A4C
MDCTL19
Module Control 19 Register (PCI)
0x0204 6A50
MDCTL20
Module Control 20 Register (Video Port 0)
0x0204 6A54
MDCTL21
Module Control 21 Register (Video Port 1)
0x0204 6A58
MDCTL22
Module Control 22 Register (Video Port 2)
0x0204 6A5C
MDCTL23
Module Control 23 Register (Video Port 3)
0x0204 6A60
MDCTL24
Module Control 24 Register (Video Port 4)
0x0204 6A64
MDCTL25
Module Control 25 Register (EMIFA)
0x0204 6A68
MDCTL26
Module Control 26 Register (TIMER 2)
0x0204 6A6C
MDCTL27
Module Control 27 Register (TIMER 3)
0x0204 6A70
MDCTL28
Module Control 28 Register (VIC)
0x0204 6A74
MDCTL29
Module Control 29 Register (McASP)
0x0204 6A78
MDCTL30
Module Control 30 Register (UART)
0x0204 6A7C
MDCTL31
Module Control 31 Register (VICP)
0x0204 6A80
–
Reserved
0x0204 6A84
MDCTL33
Module Control 33 Register (C64x+ CPU)
0x0204 6A88
MDCTL34
Module Control 34 Register (Ethernet Subsystem)
0x0204 6A90- 0x0204 6FFF
–
Reserved
62
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com