Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT7 Datasheet(PDF) 68 Page - Texas Instruments

Part # TMS320DM647CUT7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT7 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TMS320DM647CUT7 Datasheet HTML 64Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 65Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 66Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 67Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 68Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 69Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 70Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 71Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 190 page
background image
CLKIN
2
3
4
4
5
1
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
6.4.4
PLL1 Controller Input and Output Clock Electrical Data/Timing
Table 6-8. Timing Requirements for CLKIN1(1)(2) (see Figure 6-6)
720, 800, 900, 1100
NO.
PLL MODES(3)
UNIT
MIN
MAX
1
tc(CLKIN1)
Cycle time, CLKIN1
15
40
ns
2
tw(CLKIN1H)
Pulse duration, CLKIN1 high
0.4C
ns
3
tw(CLKIN1L)
Pulse duration, CLKIN1 low
0.4C
ns
4
tt(CLKIN1)
Transition time, CLKIN1
1.2
ns
5
tJ(CLKIN1)
Period jitter, (peak-to-peak), CLKIN1
100
ps
(1)
The reference points for the rise and fall transitions are measured at 3.3-V VIL MAX and VIH MIN.
(2)
C = CLKIN1 cycle time in ns. For example, when CLKIN1 frequency is 50 MHz, use C = 20 ns.
(3)
The PLL1 multiplier factors (x1 [BYPASS], x16 to x32) further limit the MIN and MAX values for tc(CLKIN1). See Section 6.3.5 for
supported PLL1 multiplier factors.
Figure 6-6. CLKIN1 Timing
6.4.5
PLL1 Controller Register Description(s)
A summary of the PLL1 controller registers is shown in Table 6-9.
Table 6-9. PLL1 and Reset Controller Registers Memory Map
HEX ADDRESS RANGE
REGISTER NAME
DESCRIPTION
0x020E 0000
PID
Peripheral Identification and Revision Information Register
0x020E 00E4
RSTYPE
Reset Type Register
0x020E 0100
PLLCTL
PLL Controller 1 Operations Control Register
0x020E 0110
PLLM
PLL Controller 1 Multiplier Control Register
0x020E 0114
PREDIV
PLL Pre-Divider Control Register
0x020E 011C
PLLDIV2
PLL Controller 1 Control-Divider 2 Register (SYSCLK2)
0x020E 0138
PLLCMD
PLL Controller 1 Command Register
0x020E 013C
PLLSTAT
PLL Controller 1 Status Register (Shows PLLC1 Status)
0x020E 0140
ALNCTL
PLL Controller Clock Align Control Register
0x020E 0144
DCHANGE
PLLDIV Ratio Change Status Register
0x020E 0150
SYSTAT
PLL Controller 1 System Clock Status 1 Register (Indicates SYSCLK on/off
Status)
0x020E 0160
PLLDIV4
PLL Controller 1 Control-Divider 4 Register (SYSCLK4)
68
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com