Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT7 Datasheet(PDF) 61 Page - Texas Instruments

Part # TMS320DM647CUT7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT7 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TMS320DM647CUT7 Datasheet HTML 57Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 58Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 59Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 60Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 61Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 62Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 63Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 64Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
Table 6-3. PSC Register Memory Map (continued)
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x0204 6050
–
Reserved
0x0204 6054
MERRCR1
Module Error Clear 1 (mod 32 - 63) Register
0x0204 6058- 0x0204 605F
–
Reserved
0x0204 6060
–
Reserved
0x0204 6064- 0x0204 6067
–
Reserved
0x0204 6068
–
Reserved
0x0204 606C- 0x0204 611F
–
Reserved
0x0204 6120
PTCMD
Power Domain Transition Command Register
0x0204 6124- 0x0204 6127
–
Reserved
0x0204 6128
PTSTAT
Power Domain Transition Status Register
0x0204 612C- 0x0204 61FF
–
Reserved
0x0204 6200
PDSTAT0
Power Domain Status 0 Register (Always On)
0x0204 6204- 0x0204 62FF
–
Reserved
0x0204 6300
PDCTL0
Power Domain Control 0 Register (Always On)
0x0204 6304- 0x1C4 150F
–
Reserved
0x0204 6510
–
Reserved
0x0204 6514
–
Reserved
0x0204 6518- 0x0204 65FF
–
Reserved
0x0204 6600- 0x0204 67FF
–
Reserved
0x0204 6800
MDSTAT0
Module Status 0 Register (EDMACC)
0x0204 6804
–
Reserved
0x0204 6808
–
Reserved
0x0204 680C
–
Reserved
0x0204 6810
–
Reserved
0x0204 6814
–
Reserved
0x0204 6818
–
Reserved
0x0204 681C
MDSTAT7
Module Status 7 Register (DDR2)
0x0204 6820
MDSTAT8
Module Status 8 Register (HPI)
0x0204 6824
MDSTAT9
Module Status 9 Register (VLYNQ)
0x0204 6828
MDSTAT10
Module Status 10 Register (GPIO)
0x0204 682C
MDSTAT11
Module Status 11 Register (TIMER 0)
0x0204 6830
MDSTAT12
Module Status 12 Register (TIMER 1)
0x0204 6834
–
Reserved
0x0204 6838
–
Reserved
0x0204 683C
–
Reserved
0x0204 6840
–
Reserved
0x0204 6844
MDSTAT17
Module Status 17 Register (SPI)
0x0204 6848
MDSTAT18
Module Status 18 Register (I2C)
0x0204 684C
MDSTAT19
Module Status 19 Register (PCI)
0x0204 6850
MDSTAT20
Module Status 20 Register (Video Port 0)
0x0204 6854
MDSTAT21
Module Status 21 Register (Video Port 1)
0x0204 6858
MDSTAT22
Module Status 22 Register (Video Port 2)
0x0204 685C
MDSTAT23
Module Status 23 Register (Video Port 3)
0x0204 6860
MDSTAT24
Module Status 24 Register (Video Port 4)
0x0204 6864
MDSTAT25
Module Status 25 Register (EMIFA)
0x0204 6868
MDSTAT26
Module Status 26 Register (TIMER 2)
0x0204 686C
MDSTAT27
Module Status 27 Register (TIMER 3)
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
61
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com