Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT7 Datasheet(PDF) 56 Page - Texas Instruments

Part # TMS320DM647CUT7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT7 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS320DM647CUT7 Datasheet HTML 52Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 53Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 54Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 55Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 56Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 57Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 58Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 59Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
5.3
Electrical Characteristics
Over Recommended Ranges of Supply Voltage and Operating Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
3.3-V pins (except PCI-capable
DVDD33 = MIN, IOH = MAX
0.8DVDD33
V
and I2C pins)
VOH High-level
output voltage
PCI-capable pins(2)
DVDD33 = 3.3V, IOH = -0.5 mA
0.9DVDD33
DDR2 memory controller pins
1.4
3.3-V pins (except PCI-capable
DVDD33 = MIN, IOL = MAX
0.22DVDD33
and I2C pins)
VOL Low-level
PCI-capable pins(2)
DVDD33 = 3.3V, IOL = 1.5 mA
0.1DVDD33
output voltage
I2C pins
Pulled up to 3.3 V, 3 mA sink current
0.4
DDR2 memory controller pins
0.4
V
VI = VSS to DVDD33 without internal pullup oe
-1
1
μA
pulldown resistor
3.3-V pins (except PCI-capable
VI = VSS to DVDD33 with internal pullup resistor
50
100
400
μA
and I2C pins)
(2)
II Input current [dc]
VI = VSS to DVDD33 with opposing internal
-400
-100
-50
μA
pulldown resistor (2)
Input current [dc] (I2C)
0.1DVDD33 ≤ VI ≤ 0.9DVDD33
-10
10
μA
PCI-capable pins(4)
-600
600
μA
IOH High-level
All peripherals other than DDR2
-8
mA
output current [dc]
and PCI
DDR2 memory controller pins
-4
mA
PCI-capable pins(2)
-0.5
mA
IOL Low-level
All peripherals other than
8
mA
output current [dc]
DDR2 , PCI and I2C
I2C pins
3
mA
DDR2 memory controller pins
4
mA
PCI-capable pins(2)
1.5
mA
IOZ I/O Off-state
3.3-V pins
-20
20
μA
output current [DC]
CVDD = 1.2-V, DSP clock = 720 MHz
2497
mA
CVDD = 1.2-V, DSP clock = 800 MHz
2605
mA
Core (CVDD, VDDA_1P1V) supply
ICDD
current(3)
CVDD = 1.2-V, DSP clock = 900 MHz
2741
mA
CVDD = 1.2-V, DSP clock = 1100 MHz
3013
mA
3.3-V I/O (DVDD33) supply
DVDD = 3.3-V, DSP clock = 720 MHz, 800 MHz,
227
mA
current(3)
900 MHz, 1100 MHz
1.8-V I/O (DVDDR2,
IDDD
DDR_VDDDLL, PLLVPRW18,
DVDD = 1.8-V, DSP clock = 720 MHz, 800 MHz,
311
mA
VDDA_1P8V, MXVDD) supply
900 MHz, 1100 MHz
current(3)
CI
Input capacitance
10
pF
Co
Output capacitance
10
pF
(1)
For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in the recommended operating conditions table.
(2)
Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor.
(3)
Assumes the following conditions: 50% DSP CPU utilization; (peripheral configurations, other housekeeping activities) DDR2 at 50%
utilization (266 MHz ), 50% writes, 32 bits, 100% bit switching, 110-MHz Video Ports at 100% utilization, MCASP operating at 25 MHz
with 100% utilization with 10 serializers, Timer0,1 at 100% utilization, VICP with 100% utilization, PCI operating at 66 MHz with 50%
writes at room temp (25°C) using ZUT package. (as in the power appnote) for the three items.
56
Device Operating Conditions
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com