Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT7 Datasheet(PDF) 38 Page - Texas Instruments

Part # TMS320DM647CUT7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT7 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS320DM647CUT7 Datasheet HTML 34Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 35Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 36Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 37Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 38Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 39Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 40Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 41Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
3
Device Configuration
3.1
System Module Registers
The system module includes status and control registers required for configuration of the device. Brief
descriptions of the various registers are shown in Table 3-1. System Module registers required for device
configuration are described in the following sections.
Table 3-1. System Module Register Memory Map
HEX ADDRESS RANGE
REGISTER NAME
DESCRIPTION
0x0204 9000
PINMUX
Pin multiplexing control 0
0x0204 9004
Reserved
Reserved
0x0204 9008
DSPBOOTADDR
Boot Address of DSP, decoded by bootloader software for host boots
0x0204 900C
BOOTCMPLT
Boot Complete
0x0204 9010
Reserved
0x0204 9014
BOOTCFG
Device boot configuration
0x0204 9018
JTAGID
Device ID number. See Section 6.25 for details.
0x0204 901C
PRI_ALLOC
Bus master priority control. See Section 4 for details
0x0204 9020 -0x0204 9053
Reserved
Reserved
0x0204 9054
KEY_REG
Key Register to protect against accidental writes.
0x0204 9060 - 0x0204 90A7
Reserved
Reserved
0x0204 90A8
CFGPLL
CFGPLL inputs for SerDes
0x0204 90AC
Reserved
Reserved
0x0204 90B0
CFGRX0
Configure SGMII0 RX (1)
0x0204 90B4
CFGRX1
Configure SGMII1 RX (1)
0x0204 90B8
CFGTX0
Configure SGMII0 TX.(1)
0x0204 90BC
CFGTX1
Configure SGMII1 TX (1)
0x0204 90C0
Reserved
Reserved
0x0204 90C4
MAC_ADDR_R0
MAC Address Read Only Register 0
0x0204 90C8
MAC_ADDR_R1
MAC Address Read Only Register 1
0x0204 90CC
MAC_ADDR_RW0
MAC Address Read/Write Register 0
0x0204 90D0
MAC_ADDR_RW0
MAC Address Read/Write Register 1
0x0204 90D4
ESS_LOCK
Ethernet Sub System Lock Register
(1)
See the TMS320DM647/DM648 DSP Ethernet Subsystem User's Guide Reference Guide (literature number SPRUF57) for details.
38
Device Configuration
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com