Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT7 Datasheet(PDF) 100 Page - Texas Instruments

Part # TMS320DM647CUT7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT7 Datasheet(HTML) 100 Page - Texas Instruments

Back Button TMS320DM647CUT7 Datasheet HTML 96Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 97Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 98Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 99Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 100Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 101Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 102Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 103Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
6.9
DDR2 Memory Controller
The 32-bit DDR2 memory controller bus of the device is used to interface to JESD79D-2A standard-
compliant DDR2 SDRAM devices. The DDR2 external bus interfaces only to DDR2 SDRAM devices; it
does not share the bus with any other types of peripherals. The decoupling of DDR2 memories from other
devices simplifies board design and provides I/O concurrency from a second external memory interface,
EMIFA.
The internal data bus clock frequency and DDR2 bus clock frequency directly affect the maximum
throughput of the DDR2 bus. The data rate of the DDR2 bus is equal to the CLKIN2 frequency multiplied
by 20. The internal data bus clock frequency of the DDR2 memory controller is fixed at a divide-by-three
ratio of the CPU frequency. The maximum DDR2 throughput is determined by the smaller of the two bus
frequencies. For example, if the internal data bus frequency is 300 MHz (CPU frequency is 900 MHz) and
the DDR2 data rate is 533 MHz (266 MHz clock rate as CLKIN2 frequency is 26.6 MHz), the maximum
data rate achievable by the DDR2 memory controller is 2.13 Gbytes/sec.
6.9.1
DDR2 Memory Controller Device-Specific Information
The approach to specifying interface timing for the DDR2 memory bus is different than on other interfaces
such as EMIF and HPI. For these other interfaces, the device timing was specified in terms of data
manual specifications and I/O buffer information specification (IBIS) models.
For the DDR2 memory bus, the approach is to specify compatible DDR2 devices and provide the printed
circuit board (PCB) solution and guidelines directly to the user. Texas Instruments (TI) has performed the
simulation and system characterization to be sure all DDR2 interface timings in this solution are met.
The ODT[1:0] pins of the memory controller must be left unconnected. The ODT pins on the DDR2
memory device(s) must be connected to ground.
The DDR2 memory controller on the device supports the following memory topologies:
•
A 32-bit wide configuration interfacing to two 16-bit wide DDR2 SDRAM devices.
•
A 16-bit wide configuration interfacing to a single 16-bit wide DDR2 SDRAM device.
A race condition may exist when certain masters write data to the DDR2 memory controller. For example,
if master A passes a software message via a buffer in external memory and does not wait for indication
that the write completes, when master B attempts to read the software message, then the master B read
may bypass the master A write and, thus, master B may read stale data and, therefore, receive an
incorrect message.
Some master peripherals (e.g., EDMA3 transfer controllers) will always wait for the write to complete
before signaling an interrupt to the system, thus avoiding this race condition. For masters that do not have
hardware specification of write-read ordering, it may be necessary to specify data ordering via software.
If master A does not wait for indication that a write is complete, it must perform the following workaround:
1. Perform the required write.
2. Perform a dummy write to the DDR2 memory controller module ID and revision register.
3. Perform a dummy read to the DDR2 memory controller module ID and revision register.
4. Indicate to master B that the data is ready to be read after completion of the read in step 3. The
completion of the read in step 3 ensures that the previous write was done.
The master peripherals that need to implement this workaround are HPI, PCI, and VLYNQ.
100
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com